Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33998 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part No. MC33998
Description  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33998 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC33998 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2003
33998 Simplified Application Diagram
Document order number: MC33998/D
Rev 1.0, 03/2003
33998
Advance Information
Switching Power Supply with Linear
Regulators
The 33998 is a medium-power, multi-output power supply integrated circuit
that is capable of operating over a wide input voltage range, from 6.0 V up to
26.5 V with 40 V transient capability. It incorporates a sensorless current
mode control step-down switching controller regulating directly to 5.0 V. The
2.6 V linear regulator uses an external pass transistor to reduce the 33998
power dissipation. The 33998 also provides a 2.6 V linear standby regulator
and two 5.0 V sensor supply outputs protected by internal low-resistance
LDMOS transistors.
There are two separate enable pins for the main and sensor supply outputs
and standard supervisory functions such as resets with power-up reset delay.
The 33998 provides proper power supply sequencing for advanced
microprocessor architectures such as the Motorola MPC5xx and 683xx
microprocessor families.
Features
• Operating Voltage Range 6.0 V up to 26.5 V (40 V transient)
• Step-Down Switching Regulator Output VDDH = 5.0 V @ 1400 mA (total)
• Linear Regulator with External Pass Transistor VDDL = 2.6 V @ 400 mA
• Low-Power Standby Linear Regulator VKAM = 2.6 V @ 10 mA
• Two 5.0 V @ 200 mA (typical) Sensor Supplies VREF Protected Against
Short-to-Battery and Short-to-Ground with Retry Capability
• Undervoltage Shutdown on the VDDL, VDDH Outputs with Retry Capability
• Reset Signals
• Power-Up Delay
• Enable Pins for Main Supplies (EN) and Sensor Supplies (SNSEN)
• Power Sequencing for Advanced Microprocessor Architectures
• SOIC-24WB Package
SNSEN
VREF1
5.0 V
VPWR
KA_VPWR
GND
33998
EN
VSW
VDDH
DRVL
FBL
PWROK
VKAM
VKAMOK
VREF2
5.0 V
5.0 V
2.6 V
2.6 V
MCU
VDDH
VDDL
VKAM
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33998DW/R2
-40°C to 125°C
24 SOICW
DW SUFFIX
24-LEAD SOICW
CASE 751E
POWER SUPPLY
INTEGRATED CIRCUIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn