Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC33998 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part No. MC33998
Description  Switching Power Supply with Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33998 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33998 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33998 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33998
9
Characteristic
Symbol
Min
Typ
Max
Unit
CHARGE PUMP CRES
Charge Pump Voltage
VPWR = KA_VPWR = 14 V, IVDDH = 200 mA, ICP = 0 µA
VPWR = KA_VPWR = 14 V, IVDDH = 200 mA, ICP = 10 µA
VCRES
12
12
15
15
V
STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 9.0 V VPWR 16 V, -40°C TJ = TA 125°C, using the typical application circuit (see
Figure 8) unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions unless otherwise noted.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn