Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK520G-TL Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LNK520G-TL
Description  Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK520G-TL Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LNK520G-TL Datasheet HTML 2Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 3Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 4Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 5Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 6Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 7Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 8Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 9Page - Power Integrations, Inc. LNK520G-TL Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LNK520
E
2/05
To achieve this goal, the minimum voltage feedback threshold
should be set at V
O(MAX). This will ensure that the voltage at the
CC to CV transition point of the inherent characteristic will
alwaysoccurbelowthevoltagefeedbackthreshold.However,the
outputvoltagetoleranceisthenincreased,sincetheinherentCV
characteristic tolerance below V
O(MAX) is added to the tolerance
of the optocoupler feedback circuit.
The LNK520 can also be used in the high-side configuration as
shown in Figure 9(a). This configuration provides a very low
component count solution with an approximate CV/CC power
supply output characteristic. A typical output characteristic
envelope is shown in Figure 9(b).
This configuration is ideal for very low cost charger and adapter
applications where output CC tolerance is loose or unspecified.
Typical applications include low cost chargers and adapters
where direct replacement for a linear transformer is required.
In applications with a high voltage DC input voltage, the circuit
is further simplified with the removal of input rectifiers, EMI
filter choke and input capacitors. Typical applications of this
type include auxiliary supplies in domestic appliances and
industrial applications.
In the high-side configuration, the CONTROL pin receives
feedback current through R1 generated by the voltage across
C2. To a first order, this voltage is proportional to V
OUT since
V
OUT is reflected to the primary and appears across C2 during
the off time of the LNK520 switching cycle. The output CV
regulationisthereforedeterminedbyhowwellthevoltageacross
C2 tracks the output voltage. This tracking is influenced by the
value of the transformer leakage inductance, which introduces
an error. This error, which is partially filtered by R2 and C2,
causes a slope in the output CV regulation characteristic.
The LNK520 is optimized for use with a bias winding where
tracking of feedback voltage and output voltage is typically
better than it is in the high-side configuration of Figure 9 (a).
As a consequence, the increased leakage error in the high-side
configuration causes the output current to increase with falling
output voltage, as indicated by the output CC characteristic
envelope in Figure 9 (b).
In this high-side configuration, the SOURCE pins and circuit
board traces form a switching node. Extra care should be taken
to optimize EMI performance. The LNK520 internal MOSFET
switching characteristics have been designed to significantly
reduce EMI, particularly in the radiated spectrum (>30 MHz).
However, the SOURCE trace area should be minimized and
EMI filter components should be distanced from the SOURCE
node whenever possible. In embedded applications where a
high voltage DC input voltage is available, system level EMI
filtering is typically located away from the power supply and
circuit board layout is less critical.
Applications Example
The circuit shown in Figure 10 shows a typical implementation
of an approximate constant voltage / constant current (CV/CC)
charger using LinkSwitch in the low-side configuration. This
design delivers 2.75 W with nominal peak power point voltage
of 5.5 V and a current of 500 mA (Figure 11). Efficiency is
greater than 65% over an input range of 85 VAC to 265 VAC.
Thebridgerectifier,D1-D4,rectifiestheACinput. Therectified
ACissmoothedbyC1andC2,withinductorL1formingapi-filter
to filter differential mode conducted EMI. Resistor RF1 is a
fusible,flameprooftypeprovidingprotectionfromprimary-side
shortcircuitsandlinesurgesandprovidesadditionaldifferential
EMI filtering. The switching frequency of 42 kHz allows such
a simple EMI filter to be used without the need for aYcapacitor
while still meeting international EMI standards.
When power is applied, high voltage DC appears at the DRAIN
pin of LinkSwitch (U1). The CONTROL pin capacitor C5 is
then charged through a switched high voltage current source
connected internally between the DRAIN and CONTROL
pins. When the CONTROL pin reaches approximately
5.6 V relative to the SOURCE pin, the internal current source
is turned off. The internal control circuitry is activated and the
high voltage MOSFET starts to switch, using the energy in C5
to power the IC.
Figure 9. High-side Configuration Using LNK520: (a) Schematic Outline; (b) Typical Output Characteristic Envelope.
VOUT
Typical
Characteristic
VIN
D2
C4
(a)
(b)
LNK520
C2
R1
R2
IOUT
C1
D1
LinkSwitch
VOUT
PI-3854-031804
D
S
C


Similar Part No. - LNK520G-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520G-TL POWERINT-LNK520G-TL Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
More results

Similar Description - LNK520G-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK520 POWERINT-LNK520_V01 Datasheet
1Mb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Chargers and Adapters
September 2016
LNK500GN POWERINT-LNK500GN Datasheet
835Kb / 10P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK500 POWERINT-LNK500 Datasheet
505Kb / 20P
   Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
LNK501GN POWERINT-LNK501GN Datasheet
817Kb / 10P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501 POWERINT-LNK501 Datasheet
155Kb / 20P
   Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK501PN POWERINT-LNK501PN Datasheet
817Kb / 20P
   LinkSwitch Family Energy Efficient, CV/CC Switcher for Very Low Cost Chargers and Adapters
LNK605PG POWERINT-LNK605PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_10 Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK604PG POWERINT-LNK604PG Datasheet
883Kb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
LNK603 POWERINT-LNK603_V01 Datasheet
2Mb / 18P
   Energy-Efficient, Accurate CV/CC Switcher for Adapters and Chargers
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com