Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK563P Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # LNK563P
Description  Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK563P Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button LNK563P Datasheet HTML 6Page - Power Integrations, Inc. LNK563P Datasheet HTML 7Page - Power Integrations, Inc. LNK563P Datasheet HTML 8Page - Power Integrations, Inc. LNK563P Datasheet HTML 9Page - Power Integrations, Inc. LNK563P Datasheet HTML 10Page - Power Integrations, Inc. LNK563P Datasheet HTML 11Page - Power Integrations, Inc. LNK563P Datasheet HTML 12Page - Power Integrations, Inc. LNK563P Datasheet HTML 13Page - Power Integrations, Inc. LNK563P Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LNK562-564
F
10/05
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
OUTPUT (cont.)
FEEDBACK Pin
Auto-Restart
Threshold Voltage
V
FB(AR)
T
J = 25 °C
0.8
V
Auto-Restart
ON-Time
V
FB = VFB(AR)
T
J = 25 °C
100
ms
Auto-Restart
Duty Cycle
DC
AR
12
%
NOTES:
A. In a scheme using a resistor divider network at the FB pin, where R
U is the resistor from the FB pin to the rectified
bias voltage and R
L is the resistor from the FB pin to the SOURCE pin, the output voltage variation is influenced
by V
FB and IFB variations. To determine the contribution from the VFB variation in percent, the following equation
can be used:
To determine the contribution from I
FB variation in percent, the following equation can be used:
Since I
FB and VFB are independent parameters, the composite variation in percent would be
.
B. Total current consumption is the sum of I
S1 and IDSS when FEEDBACK pin voltage is ≥2 V (MOSFET not
switching) and the sum of I
S2 and IDSS when FEEDBACK pin is shorted to SOURCE (MOSFET switching).
C Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the
DRAIN. An alternative is to measure the BYPASS pin current at 6 V.
D. See Typical Performance Characteristics section Figure 15 for BYPASS pin start-up charging waveform.
E. This current is only intended to supply an optional optocoupler connected between the BYPASS and FEEDBACK
pins and not any other external circuitry.
F. This parameter is guaranteed by design.
G. This parameter is derived from characterization.
H. Breakdown voltage may be checked against minimum BV
DSS by ramping the DRAIN pin voltage up to but not
exceeding minimum BV
DSS.
V
R
RR
IR
V
R
RR
IR
x
100
1
()
()
()
(
)
FB TYP
L
UL
FB TYP
U
FB MAX
L
UL
FB TYP
U
#
=
+
+
+
+
-
J
L
K
K
KK
b
b
N
P
O
O
OO
l
l
V
R
RR
IR
V
R
RR
IR
y
100
1
()
()
()
(
)
FB TYP
L
UL
FB TYP
U
FB TYP
L
UL
FB MAX
U
#
=
+
+
+
+
-
J
L
K
K
KK
b
b
N
P
O
O
OO
l
l
xy
22
!
+


Similar Part No. - LNK563P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK563P POWERINT-LNK563P Datasheet
1,018Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK563P POWERINT-LNK563P Datasheet
1,018Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK563P POWERINT-LNK563P Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK563PG-TL POWERINT-LNK563PG-TL Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK563PN-TL POWERINT-LNK563PN-TL Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
More results

Similar Description - LNK563P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK562 POWERINT-LNK562_08 Datasheet
1,018Kb / 16P
   Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
LNK562DN POWERINT-LNK562DN Datasheet
1,018Kb / 16P
   LinkSwitch-LP Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362 Datasheet
739Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK562 POWERINT-LNK562_V01 Datasheet
1Mb / 20P
   Energy Efficient Off-Line Switcher IC for Linear Transformer Replacement
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com