Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LNK562 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part No. LNK562
Description  Energy Effi cient Off-Line Switcher IC for Linear Transformer Replacement
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo 

LNK562 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LNK562-564
F
10/05
rectifier. This effectively filters the leakage inductance spike
and reduces the error that this would give when using fast
recovery time diodes. The use of a slow diode is a requirement
in Clampless designs.
LinkSwitch-LP Layout Considerations
Layout
See Figure 6 for a recommended circuit board layout for
LinkSwitch-LP.
Single Point Grounding
Use a single point ground connection from the input filter
capacitor to the area of copper connected to the SOURCE
pins.
Bypass Capacitor (C
BP)
The BYPASS pin capacitor should be located as near as possible
to the BYPASS and SOURCE pins.
Primary Loop Area
The area of the primary loop that connects the input filter
capacitor, transformer primary and LinkSwitch-LP together
should be kept as small as possible.
Primary Clamp Circuit
An external clamp may be used to limit peak voltage on the
DRAIN pin at turn off. This can be achieved by using an RCD
clamp or a Zener (~200 V) and diode clamp across the primary
winding. In all cases, to minimize EMI, care should be taken
to minimize the circuit path from the clamp components to the
transformer and LinkSwitch-LP.
Thermal Considerations
The copper area underneath the LinkSwitch-LP acts not only as
a single point ground, but also as a heatsink. As it is connected
to the quiet source node, this area should be maximized for
good heat sinking of LinkSwitch-LP. The same applies to the
cathode of the output diode.
+
HV DC
INPUT
-
+
Input Filter
Capacitor
CBP
-
DC
OUT
Output Filter
Capacitor
PI-4157-101305
Maximize hatched copper
areas (
) for optimum
heatsinking
TOP VIEW
T ransformer
D
S
S
FB
BP
S
S
Figure 6. Recommended Circuit Board Layout for LinkSwitch-LP (Assumes a HVDC Input Stage).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn