Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK362 Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # LNK362
Description  Energy Effi cient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK362 Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button LNK362 Datasheet HTML 8Page - Power Integrations, Inc. LNK362 Datasheet HTML 9Page - Power Integrations, Inc. LNK362 Datasheet HTML 10Page - Power Integrations, Inc. LNK362 Datasheet HTML 11Page - Power Integrations, Inc. LNK362 Datasheet HTML 12Page - Power Integrations, Inc. LNK362 Datasheet HTML 13Page - Power Integrations, Inc. LNK362 Datasheet HTML 14Page - Power Integrations, Inc. LNK362 Datasheet HTML 15Page - Power Integrations, Inc. LNK362 Datasheet HTML 16Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LNK362-364
C
12/05
12
200
300
350
400
250
0
04
28
6
10 1214 16 1820
DRAIN Voltage (V)
50
150
100
25
°C
100
°C
Scaling Factors:
LNK362
0.5
LNK363
0.8
LNK364
1.0
Typical Performance Characteristics
Figure 14. BYPASS Pin Start-up Waveform.
1.1
1.0
0.9
-50 -25
0
25
50
75 100 125 150
Junction Temperature (
°C)
6
5
4
3
2
1
0
0
0.2
0.4
0.6
0.8
1.0
Time (ms)
7
Figure 10. Breakdown vs. Temperature.
Figure 12. Current Limit vs. Temperature.
Figure 13. Current Limit vs. di/dt.
Figure 15. Output Characteristics.
Figure 11. Frequency vs. Temperature.
TBD
Temperature (
°C)
1.0
1.2
1.4
0.8
0.6
0.4
0.2
0
-50
0
50
100
150
1.2
1.0
0.8
0.6
0.4
0.2
0
-50
-25
0
25
50
75
100 125
Junction Temperature (
°C)
Normalized di/dt
1.0
1.2
1.4
0.8
0.6
0.4
0.2
0
12
3
4
5
LNK362
LNK363
LNK364
Normalized
di/dt = 1
30 mA/
µs
42 mA/
µs
50 mA/
µs
Normalized
Current
Limit = 1
140 mA
210 mA
250 mA


Similar Part No. - LNK362

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362-364 POWERINT-LNK362-364 Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362D POWERINT-LNK362D Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
LNK362DG-TL POWERINT-LNK362DG-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results

Similar Description - LNK362

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com