Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK362 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # LNK362
Description  Energy Effi cient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK362 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button LNK362 Datasheet HTML 4Page - Power Integrations, Inc. LNK362 Datasheet HTML 5Page - Power Integrations, Inc. LNK362 Datasheet HTML 6Page - Power Integrations, Inc. LNK362 Datasheet HTML 7Page - Power Integrations, Inc. LNK362 Datasheet HTML 8Page - Power Integrations, Inc. LNK362 Datasheet HTML 9Page - Power Integrations, Inc. LNK362 Datasheet HTML 10Page - Power Integrations, Inc. LNK362 Datasheet HTML 11Page - Power Integrations, Inc. LNK362 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LNK362-364
C
12/05
8
ABSOLUTE MAXIMUM RATINGS(1,5)
DRAIN Voltage .................................. .............-0.3 V to 700 V
Peak DRAIN Current: LNK362................200 mA (375 mA)(2)
LNK363/364.........400 mA (750 mA)(2)
FEEDBACK Voltage ...........................................-0.3 V to 9 V
FEEDBACK Current ...................................................100 mA
BYPASS Voltage.................................................. -0.3 V to 9 V
Storage Temperature .....................................-65
°C to 150 °C
Operating Junction Temperature(3) ................-40
°C to 150 °C
Lead Temperature(4) ....................................................... 260
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. The higher peak DRAIN current is allowed while the
DRAIN voltage is simultaneously less than 400 V.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
THERMAL IMPEDANCE
Thermal Impedance: P or G Package:
(
θ
JA) ........................... 70 °C/W
(2); 60
°C/W(3)
(
θ
JC)
(1) ............................................... 11
°C/W
Notes:
1. Measured on pin 2 (SOURCE) close to plastic interface.
2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS
Output Frequency
f
OSC
T
J = 25 °C
Average
124
132
140
kHz
Peak-Peak Jitter
9
Maximum Duty
Cycle
DC
MAX
S2 Open
60
%
FEEDBACK Pin
Turnoff Threshold
Current
I
FB
T
J = 25 °C
30
49
68
µA
FEEDBACK Pin
Voltage at Turnoff
Threshold
V
FB
T
J = 0 °C to
125 °C
LNK362
1.55
1.65
1.75
V
LNK363-364
1.53
1.63
1.73
DRAIN Supply
Current
I
S1
V
FB
2 V
(MOSFET Not Switching)
See Note A
200
250
µA
I
S2
FEEDBACK Open
(MOSFET
Switching)
250
300
µA
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V, TJ = 25 °C
See Note C
-5.5
-3.5
-1.8
mA
I
CH2
V
BP = 4 V, TJ = 25 °C
See Note C
-3.8
-2.3
-1.0
BYPASS Pin
Voltage
V
BP
5.55
5.8
6.10
V
BYPASS Pin
Voltage Hysteresis
V
BPH
0.8
1.0
1.2
V


Similar Part No. - LNK362

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK362-364 POWERINT-LNK362-364 Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362D POWERINT-LNK362D Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
LNK362DG-TL POWERINT-LNK362DG-TL Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
More results

Similar Description - LNK362

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
LNK362-364 FERYSTER-LNK362-364 Datasheet
769Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK364DN POWERINT-LNK364DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK363DN POWERINT-LNK363DN Datasheet
789Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
LNK362PG POWERINT-LNK362PG Datasheet
793Kb / 16P
   Energy Effi cient, Low Power Off-Line Switcher IC
TNY263PN POWERINT-TNY263PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY266PG POWERINT-TNY266PG Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
TNY267PN POWERINT-TNY267PN Datasheet
765Kb / 22P
   Enhanced, Energy Effi cient, Low Power Off-line Switcher
LNK362GN-TL POWERINT-LNK362GN-TL Datasheet
789Kb / 16P
   LinkSwitch-XT Family Energy Effi cient, Low Power Off-Line Switcher IC
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com