Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W541E260 Datasheet(PDF) 8 Page - Winbond

Part # W541E260
Description  4-BIT FLASH EPROM MICROCONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W541E260 Datasheet(HTML) 8 Page - Winbond

Back Button W541E260 Datasheet HTML 3Page - Winbond W541E260 Datasheet HTML 4Page - Winbond W541E260 Datasheet HTML 5Page - Winbond W541E260 Datasheet HTML 6Page - Winbond W541E260 Datasheet HTML 7Page - Winbond W541E260 Datasheet HTML 8Page - Winbond W541E260 Datasheet HTML 9Page - Winbond W541E260 Datasheet HTML 10Page - Winbond W541E260 Datasheet HTML 11Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
W541E260
- 8 -
DC Characteristics, continued
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input High Voltage
VIH
-
0.7
VDD
-
VDD
V
MFP Output Low Voltage
VML
IOL = 3.5 mA
-
-
0.4
V
MFP Output High Voltage
VMH
IOH = 3.5 mA
2.4
-
-
V
Port RA, RB Output Low
Voltage
VABL
IOL = 2.0 mA
-
-
0.4
V
Port RA, RB Output high
Voltage
VABH
IOH = 2.0 mA
2.4
-
-
V
LCD Supply Current
ILCD
All Seg. ON
-
-
6
µA
SEG0-SEG31 Sink
Current
(Used as LCD output)
IOL1
VOL = 0.4V
VLCD = 0.0V
0.4
-
-
µA
SEG0-SEG31 Drive
Current
(Used as LCD output)
IOH1
VOH = 2.4V
VLCD = 3.0V
0.3
-
-
µA
Segment output low
voltage
(Used as DC output)
VSL
IOL = 0.6 mA
-
-
0.4
V
Segment output high
voltage
(Used as DC output)
VSH
IOH = 3
µA
2.4
-
-
V
Port RE Sink Current
IEL
VOL = 0.9V
9
-
-
mA
Port RE Source Current
IEH
VOH = 2.4V
0.4
1.2
-
mA
Input Port Pull-up
Resistor
RCD
Port RC, RD
100
300
500
K
INT
Pull-up Resistor
RINT
-
50
150
500
K
RES Pull-up Resistor
RRES
-
50
150
500
K
VPP Pull-down Resistor
RVPP
VDD = 5V
500
1000
1500
K
MODE Pull-down Resistor
RMODE
VDD = 5V
500
1000
1500
K
DATA Pull-down Resistor
RDATA
VDD = 5V
20
65
150
K


Similar Part No. - W541E260

ManufacturerPart #DatasheetDescription
logo
Winbond
W541E261 WINBOND-W541E261 Datasheet
352Kb / 13P
   4BIT MICROCONTROLLER, 2K 횞16 ROM, 128 횞4 RAM 128 -DOT LCD
More results

Similar Description - W541E260

ManufacturerPart #DatasheetDescription
logo
Winbond
W541E20X WINBOND-W541E20X Datasheet
93Kb / 14P
   4 BIT FLASH EPROM MICROCONTROLLER
W741E204 WINBOND-W741E204 Datasheet
541Kb / 84P
   4-BIT FLASH MICROCONTROLLER
W741E260 WINBOND-W741E260 Datasheet
554Kb / 94P
   4-BIT FLASH MICROCONTROLLER
W741E20X WINBOND-W741E20X Datasheet
531Kb / 84P
   4-BIT FLASH MICROCONTROLLER
logo
Sanyo Semicon Device
LC66E408 SANYO-LC66E408 Datasheet
392Kb / 16P
   4-bit Microcontroller with Built-in EPROM
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
logo
Motorola, Inc
MC68705R3 MOTOROLA-MC68705R3 Datasheet
1Mb / 20P
   8-Bit EPROM Microcontroller Unit
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F_1 Datasheet
857Kb / 63P
   16-Bit CMOS Single-Chip Microcontroller with 128 KByte Flash EPROM
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
   EPROM-Based 8-Bit CMOS Microcontroller
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com