Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W523SXX Datasheet(PDF) 10 Page - Winbond

Part # W523SXX
Description  HIGH FIDELITY PowerSpeech-TM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W523SXX Datasheet(HTML) 10 Page - Winbond

Back Button W523SXX Datasheet HTML 6Page - Winbond W523SXX Datasheet HTML 7Page - Winbond W523SXX Datasheet HTML 8Page - Winbond W523SXX Datasheet HTML 9Page - Winbond W523SXX Datasheet HTML 10Page - Winbond W523SXX Datasheet HTML 11Page - Winbond W523SXX Datasheet HTML 12Page - Winbond W523SXX Datasheet HTML 13Page - Winbond W523SXX Datasheet HTML 14Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
W523SXX (PRELIMINARY)
- 10 -
Legend:
G: Interrupt vector/label
Rn: R0-R3
Rm: R0-R3
MODEi: MODE0, MODE1
value: 8-bit data
@STS can be the following: @LAST, @TGn_HIGH, @TGn_LOW, n = 1
−4.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
RATED VALUE
UNIT
Power Supply
VDD
−VSS
-
-0.3 to +7.0
V
Input Voltage
VIN
All Inputs
VSS -0.3 to VDD +0.3
V
Storage Temp.
TSTG
-
-55 to +150
°C
Operating Temp.
TOPR
-
0 to +70
°C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
ELECTRICAL CHARACTERISTICS
(TA = 25
° C, VSS = 0V)
DC CHARACTERISTICS
PARAMETER
SYM.
CONDITIONS
MIN.
TYP.
MAX.
UNIT
DAC output
2.4
3.0
5.5
V
Operating Voltage
VDD
PWM output
2.4
3.0
5.5
V
VIL
VSS –0.3
-
0.3
×
VDD
V
Input Voltage
VIH
0.7
×
VDD
-
VDD
ISB1
VDD = 3V, All I/O pins
unconnected, No Playing
1
µA
Standby Current
ISB2
VDD = 5V, All I/O pins
unconnected, No Playing
1
µA
IOP1
VDD = 3V, No Load
500
µA
Operating Current
(Ring type)
IOP2
VDD = 5V, No Load
1
mA
Input Current of
TG1-TG4 pins
IIN1
VDD = 3V, Vin = 0V
-8
µA
Input Current of
TEST pin
IIN2
VDD = 3V, Vin = 3V
30
µA
Input Current of
SEL, RESET
IIN3
VDD = 3V, Vin = 0V
-8
µA
SPK (D/A Full
Scale)
IDAC
VDD = 4.5V, Rl = 100
-4.0
-5.0
-6.0
mA


Similar Part No. - W523SXX

ManufacturerPart #DatasheetDescription
logo
Winbond
W5231 WINBOND-W5231 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5232 WINBOND-W5232 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5233 WINBOND-W5233 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W5234 WINBOND-W5234 Datasheet
83Kb / 6P
   Power Speech LOW VOLTAGE ADPCM VOICE SYNTHESIZER
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
More results

Similar Description - W523SXX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2 Datasheet
527Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_08 Datasheet
731Kb / 26P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI-TPA6120A2_07 Datasheet
607Kb / 24P
[Old version datasheet]   HIGH FIDELITY HEADPHONE AMPLIFIER
TPA6120A2 TI1-TPA6120A2 Datasheet
2Mb / 31P
[Old version datasheet]   High Fidelity Headphone Amplifier
logo
Winbond
W528SXX WINBOND-W528SXX Datasheet
125Kb / 15P
   ADPCM VOICE SYNTHESIZER(PowerSpeech)
W5830 WINBOND-W5830 Datasheet
123Kb / 14P
   HIGH FIDELITY Power Speech
W523A008 WINBOND-W523A008 Datasheet
775Kb / 19P
   HIGH FIDELITY POWER SPEECH
logo
Synaptics Incorporated.
CX20708 CONEXANT-CX20708 Datasheet
110Kb / 2P
   High Fidelity 16-bit ADC
logo
Texas Instruments
TPA6120A2 TI-TPA6120A2_15 Datasheet
2Mb / 31P
[Old version datasheet]   TPA6120A2 High Fidelity Headphone Amplifier
logo
National Semiconductor ...
LME49710 NSC-LME49710_07 Datasheet
815Kb / 28P
   High Performance, High Fidelity Audio Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com