Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI6543DQ Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SI6543DQ
Description  Dual N- and P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6543DQ Datasheet(HTML) 2 Page - Vishay Siliconix

  SI6543DQ Datasheet HTML 1Page - Vishay Siliconix SI6543DQ Datasheet HTML 2Page - Vishay Siliconix SI6543DQ Datasheet HTML 3Page - Vishay Siliconix SI6543DQ Datasheet HTML 4Page - Vishay Siliconix SI6543DQ Datasheet HTML 5Page - Vishay Siliconix SI6543DQ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si6543DQ
Vishay Siliconix
www.vishay.com
S FaxBack 408-970-5600
2-2
Document Number: 70181
S-49534—Rev. C, 06-Oct-97
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
N-Ch
1.0
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = –250 mA
P-Ch
–1.0
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
N-Ch
"100
nA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
P-Ch
"100
nA
ZG
V l
D i C
I
VDS = 30 V, VGS = 0 V
N-Ch
1
A
Zero Gate Voltage Drain Current
IDSS
VDS = –30 V, VGS = 0 V
P-Ch
–1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V, TJ = 55_C
N-Ch
25
mA
VDS = –30 V, VGS = 0 V, TJ = 55_C
P-Ch
–25
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
N-Ch
15
A
On-State Drain Currenta
ID(on)
VDS w –5 V, VGS = –10 V
P-Ch
–15
A
DiS
OS
R
i
a
VGS = 10 V, ID = 3.9 A
N-Ch
0.043
0.065
W
Drain-Source On-State Resistancea
rDS(on)
VGS = –10 V, ID = 2.5 A
P-Ch
0.066
0.085
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 4.5 V, ID = 3.1 A
N-Ch
0.075
0.095
W
VGS = –4.5 V, ID = 1.8 A
P-Ch
0.125
0.19
Forward Transconductancea
gfs
VDS = 15 V, ID = 3.9 A
N-Ch
7
S
Forward Transconductancea
gfs
VDS = –15 V, ID = – 2.5 A
P-Ch
5
S
Diode Forward Voltagea
VSD
IS = 1.25 A, VGS = 0 V
N-Ch
0.8
1.2
V
Diode Forward Voltagea
VSD
IS = –1.25 A, VGS = 0 V
P-Ch
0.8
–1.2
V
Dynamicb
Total Gate Charge
Qg
NCh
l
N-Ch
9.8
15
C
Total Gate Charge
Qg
N-Channel
P-Ch
8.7
15
C
Gate-Source Charge
Qgs
N Channel
VDS = 10 V, VGS = 10 V, ID = 3.9 A
N-Ch
2.1
nC
Gate-Source Charge
Qgs
P-Channel
VDS =10 V VGS =10 V ID =2 5 A
P-Ch
1.9
nC
Gate-Drain Charge
Qgd
VDS = –10 V, VGS = –10 V, ID = –2.5 A
N-Ch
1.6
Gate-Drain Charge
Qgd
P-Ch
1.3
Turn-On Delay Time
td(on)
NCh
l
N-Ch
9
15
Turn-On Delay Time
td(on)
NCh
l
P-Ch
7
15
Rise Time
tr
N-Channel
VDD = 10 V, RL = 10 W
N-Ch
6
18
Rise Time
tr
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
P-Ch
9
18
Turn-Off Delay Time
td(off)
P-Channel
V10 V R
10
W
N-Ch
18
27
ns
Turn-Off Delay Time
td(off)
VDD = –10 V, RL = 10 W
ID ^ –1 A, VGEN = –10 V, RG = 6 W
P-Ch
14
27
ns
Fall Time
tf
ID
1 A, VGEN
10 V, RG
6
W
N-Ch
6
15
Fall Time
tf
P-Ch
8
15
Source-Drain
RR
Ti
trr
IF = 1.25 A, di/dt = 100 A/ms
N-Ch
48
80
Reverse Recovery Time
trr
IF = –1.25 A, di/dt = 100 A/ms
P-Ch
46
80
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4532ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI3590DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4544DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
AF4901P Dual P-Channel 30-V D-S Common Drain MOSFET 1  2  3  Anachip Corp
SI4925BDY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6542DQ Dual N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4923DY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4947ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn