Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI6543DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI6543DQ
Description  Dual N- and P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6543DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6543DQ Datasheet HTML 1Page - Vishay Siliconix SI6543DQ Datasheet HTML 2Page - Vishay Siliconix SI6543DQ Datasheet HTML 3Page - Vishay Siliconix SI6543DQ Datasheet HTML 4Page - Vishay Siliconix SI6543DQ Datasheet HTML 5Page - Vishay Siliconix SI6543DQ Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Si6543DQ
Vishay Siliconix
Document Number: 70181
S-49534—Rev. C, 06-Oct-97
www.vishay.com
S FaxBack 408-970-5600
2-1
Dual N- and P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
30
0.065 @ VGS = 10 V
"3.9
N-Channel
30
0.095 @ VGS = 4.5 V
"3.1
P-Channel
–30
0.085 @ VGS = –10 V
"2.5
P-Channel
–30
0.19 @ VGS = –4.5 V
"1.8
Si6543DQ
D1
S1
S1
G1
1
2
3
4
8
7
6
5
D2
S2
S2
G2
TSSOP-8
Top View
D
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
–30
V
Gate-Source Voltage
VGS
"20
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"3.9
"2.5
A
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
"3.1
"2.1
A
Pulsed Drain Current
IDM
"20
"20
A
Continuous Source Current (Diode Conduction)a
IS
1.25
–1.25
Maximum Power Dissipationa
TA = 25_C
PD
1.0
W
Maximum Power Dissipationa
TA = 70_C
PD
0.64
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
N- or P-Channel
Unit
Maximum Junction-to-Ambienta
RthJA
125
_C/W
Notes
a.
Surface Mounted on FR4 Board, t
v 10 sec.
For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI4532ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI4953ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix
SI3590DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4544DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
AF4901P Dual P-Channel 30-V D-S Common Drain MOSFET 1  2  3  Anachip Corp
SI4925BDY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6542DQ Dual N- and P-Channel 20-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4923DY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4947ADY Dual P-Channel 30-V D-S MOSFET 1  2  3  4  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn