Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RE023 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. RE023
Description  Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

RE023 Datasheet(HTML) 5 Page - ATMEL Corporation

  RE023 Datasheet HTML 1Page - ATMEL Corporation RE023 Datasheet HTML 2Page - ATMEL Corporation RE023 Datasheet HTML 3Page - ATMEL Corporation RE023 Datasheet HTML 4Page - ATMEL Corporation RE023 Datasheet HTML 5Page - ATMEL Corporation RE023 Datasheet HTML 6Page - ATMEL Corporation RE023 Datasheet HTML 7Page - ATMEL Corporation RE023 Datasheet HTML 8Page - ATMEL Corporation RE023 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
RE023 Fixed 2.6V 160mA LDO Voltage Regulator
2702B–PMGMT–02/03
Control Modes
All digital signals are referred to the supply voltage V
BAT2B/BAT2BB.
Application
Example
A ceramic capacitor of 2.2 µF with ESR between 20 m
Ω and 250 mΩ connected from
V
ANINTA/VANINTAA to ground is needed as external compensation.
Figure 3. Application Example
Table 2. Truth Table
ON1
V
ANINTA/VANINTAA
0
Power down (High-Z)
1
Power on, V
ANINTA/VANINTAA = 2.6V
Description
Min
Typ
Max
Units
Capacitor, C
L
1.8
2.2
2.6
µF
Digital
Core
1.231V Bandgap
(e.g., BG019)
2.5V
2.5V Regulator
(e.g., RE031)
VBAT2B
VBAT2BB
VANINTA
VANINTAA
VANINTS
VSAUVC
VBG
ON1
VANINTC
Battery
Pack
GND2
C
L


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn