Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RE023 Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. RE023
Description  Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

RE023 Datasheet(HTML) 4 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
RE023 Fixed 2.6V 160mA LDO Voltage Regulator
2702B–PMGMT–02/03
Notes:
1. Obtained by considering the parasitics of a TFBGA100 Package.
2. Obtained by using BG019 as reference voltage generator.
V
N
Output Noise(2)
Bandwidth: 10 Hz to 100 kHz
output current = 160 mA
68
81
µ V
RMS
T
R
Rise Time
100% of I
ANINTA/IANINTAA
10% - 90% V
ANINTA/VANINTAA
70
µs
I
SD
Shut Down Current
1µA
I
CC
Short-circuit current
400
mA
Table 1. Electrical Specifications (Continued)
Symbol
Parameter
Condition
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn