Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RE023 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. RE023
Description  Embedded ASIC Macrocell: Power Management for Mobile Terminals (PM), RE023 Fixed 2.6V 160 mA LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

RE023 Datasheet(HTML) 3 Page - ATMEL Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
RE023 Fixed 2.6V 160mA LDO Voltage Regulator
2702B–PMGMT–02/03
Absolute Maximum Ratings*
Electrical Specifications(1)
T
J = -20°C to 125°C, VBAT2B/VBAT2BB = 3V to 5.5V unless otherwise specified, output capacitance = 2.2 µF.
V
IN .......................................................... -0.3V to 6.5V
*NOTICE:
Stresses beyond those listed under “Absolute Maxi-
mum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or other conditions
beyond those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.
Digital Signals......................................... -0.3V to 5.5V
Output Current..................................Internally Limited
Junction Temperature ..........................-40
°C to 150°C
Table 1. Electrical Specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
V
BAT2B/VBAT2BB
Operating Supply Voltage
3
5.5
V
V
SAUVC
Auxiliary Operating Supply
Voltage
2.4
2.5
2.6
V
T
J
Junction Temperature Range
-20
125
°C
V
ANINTA/
V
ANINTAA
Output Voltage
2.5
2.6
2.7
V
I
ANINTA/
I
ANINTAA
Output Current
160
mA
I
QQ
Quiescent Current
46
µA
∆V
DC
Line Regulation
I
ANINTA/IANINTAA = 160 mA
2
3
mV
∆V
TRAN
Transient Line Regulation
I
ANINTA/IANINTAA = 160 mA
rise time = fall time = 5 µs
47
mV
∆V
DC
Load Regulation
10% - 90% of max I
ANINTA/IANINTAA
23
mV
∆V
TRAN
Transient Load Regulation
10% - 90% of max I
ANINTA/IANINTAA
rise time = fall time = 5 µs
510
mV
PSRR
Power Supply Rejection Ratio
at Full Load
V
BAT = 3V
@100 Hz
-65
dB
@1 kHz
-60
dB
@20 kHz
-40
dB
@100 kHz
-30
dB
V
BAT = 4.25V
@100 Hz
-60
dB
@1 kHz
-60
dB
@20 kHz
-50
dB
@100 kHz
-40
dB
V
BAT = 5.5V
@100 Hz
-55
dB
@1 kHz
-55
dB
@20 kHz
-48
dB
@100 kHz
-40
dB


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn