Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH253 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDTQS3VH253
Description  QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH253 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDTQS3VH253 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDTQS3VH253
2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
AUGUST 2002
2002 Integrated Device Technology, Inc.
DSC-5945/7
c
IDTQS3VH253
INDUSTRIAL TEMPERATURE RANGE
QUICKSWITCH® PRODUCTS 2.5V / 3.3V
DUAL 4:1 MUX/DEMUX HIGH BAND-
WIDTH BUS SWITCH
FUNCTIONAL BLOCK DIAGRAM
DESCRIPTION:
The QS3VH253 HotSwitch Dual 4:1 multiplexer/demultiplexer is a high
bandwidthbusswitch. TheQS3VH253hasverylowONresistance,resulting
inunder250pspropagationdelaythroughtheswitch. TheSelect(Sx)inputs
controlthedataflow. Themultiplexers/demultiplexersareenabledwhenthe
Enable(EA,EB)inputsarelow. IntheONstate,theswitchescanpasssignals
up to 5V. In the OFF state, the switches offer very high impedence at the
terminals.
Thecombinationofnear-zeropropagationdelay,highOFFimpedence,and
over-voltage tolerance makes the QS3VH253 ideal for high performance
communicationapplications.
The QS3VH253 is characterized for operation from -40
°C to +85°C.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• Multiplexing/demultiplexing
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolationunderpower-offconditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Low RON - 4
Ω typical
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth - up to 500MHz
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
• Available in QSOP and TSSOP packages
S0
Y A
I0 A
I1 A
I2 A
I3 A
I0 B
I1 B
I2 B
I3 B
Y B
S1
EA
EB


Similar Part No. - IDTQS3VH253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH253 IDT-IDTQS3VH253 Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH253 RENESAS-IDTQS3VH253 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH253QG IDT-IDTQS3VH253QG Datasheet
101Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
IDTQS3VH253 IDT-IDTQS3VH253_14 Datasheet
279Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH257 IDT-IDTQS3VH257 Datasheet
99Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BAND WIDTH BUS SWITCH
IDTQS3VH253QG IDT-IDTQS3VH253QG Datasheet
101Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH253 RENESAS-IDTQS3VH253 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH251 IDT-IDTQS3VH251 Datasheet
73Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH251 RENESAS-IDTQS3VH251 Datasheet
449Kb / 9P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 8:1 MUX / DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH16233 IDT-IDTQS3VH16233_13 Datasheet
265Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH257 RENESAS-IDTQS3VH257 Datasheet
445Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/3.3V QUAD 2:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
IDTQS3VH16233 RENESAS-IDTQS3VH16233 Datasheet
433Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2013
logo
Integrated Device Techn...
IDTQS3253 IDT-IDTQS3253 Datasheet
47Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
IDTQS32253 IDT-IDTQS32253 Datasheet
76Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DUAL 4:1 MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com