Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSK3016 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part No. MSK3016
Description  THREE PHASE BRIDGE MOSFET POWER MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MSK [M.S. Kennedy Corporation]
Homepage  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK3016 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK3016 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK3016 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK3016 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK3016 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK3016 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Drain-Source Leakage Current
Gate-Source Threshold Voltage
Drain-Source On Resistance
Drain-Source On Resistance
Forward Transconductance
Forward On Voltage
Reverse Recovery Time
Reverse Recovery Charge
Drain-Source Breakdown Voltage
Gate-Source Leakage Current
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Body Diode
1
2
3
4
410 mJ
+150°C MAX
-55°C to +150°C
-55°C to +125°C
300°C MAX
Single Pulse Avalanche Energy
Junction Temperature
Storage Temperature
Case Operating Temperature Range
Lead Temperature Range
(10 Seconds)
Drain to Source Voltage
Drain to Gate Voltage
(RGS=1MΩ)
Gate to Source Voltage
(Continuous)
Continuous Current
Pulsed Current
Thermal Resistance
(Junction to Case)@25°C
Thermal Resistance
(Junction to Case)@125°C
ABSOLUTE MAXIMUM RATINGS
VDSS
VDGDR
VGS
ID
IDM
RTH-JC
RTH-JC
TJ
TST
TC
TLD
200V MAX
200V MAX
±20V MAX
20A MAX
30A MAX
1.3°C/W
2.1°C/W
VGS=0 ID=0.25mA
VDS=200V VGS=0V
VGS=±20V VDS=0
VDS=VGS ID=250µA
VGS=10V ID = 20A
VGS=10V ID=20A
VDS=50V ID=20A
ID = 20A
VDS=160V
VGS = 10V
VDD=100V
ID = 20A
RG = 6.2
RD = 3.2
VGS=0V
VDS=25V
f=1MHz
IS=20 A VGS=0V
IS=20 A di/dt=100A/µS
Parameter
Units
MSK3001
Test Conditions
V
µA
nA
V
S
nC
nC
nC
nS
nS
nS
nS
pF
pF
pF
V
nS
µC
Min.
200
-
-
2.0
-
-
2.7
-
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
-
-
-
-
-
-
-
-
-
-
16
86
70
62
2800
780
250
2.0
360
4.6
Max.
-
250
±100
4.0
0.12
0.09
-
140
28
74
-
-
-
-
-
-
-
-
540
6.9
ELECTRICAL SPECIFICATIONS
2
NOTES:
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only.
Resistance as seen at package pins.
Resistance for die only; use for thermal calculations.
TA=25°C unless otherwise specified.
4
2
Rev. - 5/01
1
1
1
1
1
1
3
1
1
1
1
1
1
1
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSK3001THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3015THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3018THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3017THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
MSK3003THREE PHASE BRIDGE MOSFET POWER MODULE 1 2 3 4 5 M.S. Kennedy Corporation
30Q6P45RECTIFIER MODULE SILICON DIFFUSED TYPE THREE PHASE FULL WAVE BRIDGE APPLICATIONS 1 2 Toshiba Semiconductor
36MT160THREE PHASE BRIDGE Power Modules 1 2 3 4 5 MoreInternational Rectifier
APTGF30X60E23 Phase bridge NPT IGBT Power Module 1 2 3 4 Advanced Power Technology
APTGS15X120BTP2Input rectifier bridge + Brake + 3 Phase Bridge NPT IGBT Power Module 1 2 3 4 Advanced Power Technology
APTM20HM16FTFull - Bridge MOSFET Power Module 1 2 3 4 5 MoreAdvanced Power Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn