Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDT2005IB Datasheet(PDF) 6 Page - Micon Design Technology Corporation

Part # MDT2005IB
Description  8-bit micro-controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDTIC [Micon Design Technology Corporation]
Direct Link  http://www.mdtic.com.tw
Logo MDTIC - Micon Design Technology Corporation

MDT2005IB Datasheet(HTML) 6 Page - Micon Design Technology Corporation

Back Button MDT2005IB Datasheet HTML 2Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 3Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 4Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 5Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 6Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 7Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 8Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 9Page - Micon Design Technology Corporation MDT2005IB Datasheet HTML 10Page - Micon Design Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
MDT2005(IB)
This specification are subject to be changed without notice. Any latest information please preview
http;//www.mdtic.com.tw
P. 5
2005/6 VER1.3
7. Reset Condition for all Registers
Register
Address
Power-On Reset
/MCLR or WDT Reset
CPIO A
--
1111 1111
1111 1111
CPIO B
--
1111 1111
1111 1111
TMR
--
--11 1111
--11 1111
IAR
00h
RTCC
01h
xxxx xxxx
uuuu uuuu
PC
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
000# #uuu
MSR
04h
111x xxxx
111u uuuu
PORT A
05h
- - - - xxxx
- - - - uuuu
PORT B
06h
xxxx xxxx
uuuu uuuu
Note : u=unchanged,
x=unknown,
- =unimplemented, read as “0”
#=value depends on the condition of the following table
Condition
Status: bit 4
Status: bit 3
/MCLR reset (not during SLEEP)
u
u
/MCLR reset during SLEEP
1
0
WDT reset (not during SLEEP)
0
1
WDT reset during SLEEP
0
0
8. Instruction Set
Instruction Code
Mnemonic
Operands
Function
Operating
Status
010000 00000000
NOP
No operation
None
010000 00000001
CLRWT
Clear Watchdog timer
0→WT
TF, PF
010000 00000010
SLEEP
Sleep mode
0→WT, stop OSC TF, PF
010000 00000011
TMODE
Load W to TMODE register
W→TMODE
None
010000 00000100
RET
Return
Stack→PC
None
010000 00000rrr
CPIO
R
Control I/O port register
W→CPIO
r
None
010001 1rrrrrrr
STWR
R
Store W to register
W→R
None
011000 trrrrrrr
LDR R, t
Load register
R→t
Z
111010 iiiiiiii
LDWI
I
Load immediate to W
I→W
None


Similar Part No. - MDT2005IB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDT2005 ETC1-MDT2005 Datasheet
73Kb / 15P
   8-bit micro-controller uses a fully static CMOS design technology
MDT2005EP ETC1-MDT2005EP Datasheet
80Kb / 15P
   8-bit micro-controller
logo
Micon Design Technology...
MDT2005JG MDTIC-MDT2005JG Datasheet
126Kb / 15P
   8-bit micro-controller
More results

Similar Description - MDT2005IB

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com