Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK354P Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK354P
Description  Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK354P Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK354P Datasheet HTML 5Page - Power Integrations, Inc. LNK354P Datasheet HTML 6Page - Power Integrations, Inc. LNK354P Datasheet HTML 7Page - Power Integrations, Inc. LNK354P Datasheet HTML 8Page - Power Integrations, Inc. LNK354P Datasheet HTML 9Page - Power Integrations, Inc. LNK354P Datasheet HTML 10Page - Power Integrations, Inc. LNK354P Datasheet HTML 11Page - Power Integrations, Inc. LNK354P Datasheet HTML 12Page - Power Integrations, Inc. LNK354P Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LNK353/354
F
2/05
9
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
OUTPUT (cont)
DRAIN Supply
Voltage
50
V
Output Enable
Delay
t
EN
See Figure 9
10
µ
s
Output Disable
Setup Time
t
DST
0.5
µ
s
Auto-Restart
ON-Time
t
AR
T
J = 25 °C
See Note H
31
ms
Auto-Restart Duty
Cycle
DC
AR
5
%
NOTES:
A. Total current consumption is the sum of I
S1 and IDSS when FEEDBACK pin voltage is ≥2 V (MOSFET not
switching) and the sum of I
S2 and IDSS when FEEDBACK pin is shorted to SOURCE (MOSFET switching).
B Since the output MOSFET is switching, it is difficult to isolate the switching current from the supply current at the
DRAIN. An alternative is to measure the BYPASS pin current at 6 V.
C. See Typical Performance Characteristics section Figure 14 for BYPASS pin start-up charging waveform.
D. This current is only intended to supply an optional optocoupler connected between the BYPASS and FEEDBACK
pins and not any other external circuitry.
E. For current limit at other di/dt values, refer to Figure 13.
F. This parameter is guaranteed by design.
G. This parameter is derived from characterization.
H. Auto-restart on time has the same temperature characteristics as the oscillator (inversely proportional to
frequency).


Similar Part No. - LNK354P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK354P POWERINT-LNK354P Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK354P POWERINT-LNK354P Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
LNK354PN POWERINT-LNK354PN Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
More results

Similar Description - LNK354P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
LNK354PN POWERINT-LNK354PN Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com