Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK353P Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # LNK353P
Description  Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK353P Datasheet(HTML) 4 Page - Power Integrations, Inc.

  LNK353P Datasheet HTML 1Page - Power Integrations, Inc. LNK353P Datasheet HTML 2Page - Power Integrations, Inc. LNK353P Datasheet HTML 3Page - Power Integrations, Inc. LNK353P Datasheet HTML 4Page - Power Integrations, Inc. LNK353P Datasheet HTML 5Page - Power Integrations, Inc. LNK353P Datasheet HTML 6Page - Power Integrations, Inc. LNK353P Datasheet HTML 7Page - Power Integrations, Inc. LNK353P Datasheet HTML 8Page - Power Integrations, Inc. LNK353P Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LNK353/354
F
2/05
4
Applications Example
A 2.4 W CC/CV Charger Adapter
The circuit shown in Figure 5 is a typical implementation of
a 5.7 V, 400 mA, constant voltage, constant current (CV/CC)
battery charger.
The input bridge formed by diodes D1-D4, rectifies the AC
input voltage. The rectified AC is then filtered by the bulk
storage capacitors C1 and C2. Resistor RF1 is a flameproof,
fusible, wire wound type and functions as a fuse, inrush current
limiter and, together with the π filter formed by C1, C2 and L1,
differential mode noise attenuator.
This simple EMI filtering, together with the frequency jittering
of LinkSwitch-HF (U1), a small value Y1 capacitor (CY1),
and shield windings within T1, and a secondary-side RC
snubber (R5, C5), allows the design to meet both conducted
and radiated EMI limits. The low value of CY1 is important
to meet the requirement of low line frequency leakage current,
in this case <10 µA.
The rectified and filtered input voltage is applied to the primary
winding of T1. The other side of the transformer primary is
driven by the integrated MOSFET in U1. Diode D5, C3, R1
and R3 form the primary clamp network. This limits the peak
drain voltage due to leakage inductance. Resistor R3 allows the
use of a slow, low cost rectifier diode by limiting the reverse
current through D5 when U1 turns on. The selection of a slow
diode improves efficiency and conducted EMI.
Output rectification is provided by Schottky diode D6. The low
forward voltage provides high efficiency across the operating
range and the low ESR capacitor C6 minimizes output voltage
ripple.
In constant voltage (CV) mode, the output voltage is set by the
Zener diodeVR1 and the emitter-base voltage of PNPtransistor
Q1. The V
BE of Q1 divided by the value of R7 sets the bias
current through VR1 (~2.7 mA). When the output voltage
exceeds the threshold voltage determined by Q1 and VR1, Q1
is turned on and current flows through the LED of U2. As the
LED current increases, the current fed into the FEEDBACK
pin increases, disabling further switching cycles of U1. At
very light loads, almost all switching cycles will be disabled,
giving a low effective switching frequency and providing low
no-load consumption.
Duringloadtransients,R6andR8ensurethattheratingsofQ1are
not exceeded while R4 prevents C4 from being discharged.
Resistors R9 and R10 form the constant current (CC) sense
circuit. Above approximately 400 mA, the voltage across the
senseresistorexceedstheoptocouplerdiodeforwardconduction
voltage of approximately 1 V. The current through the LED
is therefore determined by the output current and CC control
dominatesovertheCVfeedbackloop.CCcontrolismaintained
even under output short circuit conditions.
D
S
FB
BP
RF1
8.2
2.5 W
85-265
VAC
5.7 V,
400 mA
J3-2
RTN
J3-1
J1
J2
R3
200
R5
68
R1
100 k
R4
5.1 k
R6
6.8
R9
200
R10
2.4
1 W
R8
390
U2A
PC817D
VR1
BZX79B5V1
5.1 V, 2%
R7
220
U2B
PC817D
D1
1N4005
D2
1N4005
D5
1N4007GP
D3
1N4005
D4
1N4005
D6
SS14
C6
330
µF
16 V
Q1
MMST
3906
L1
1 mH
CY1
100 pF
C1
4.7
µF
400 V
C3
2.2 nF
400 V
5
3
4 5
9
8
T1
EE16
NC NC
U1
LNK354P
C2
4.7
µF
400 V
C4
100 nF
C5
2.2 nF
LinkSwitch-HF
PI-3891-070204
Figure 5. Universal Input, 5.7 V, 400 mA, Constant Voltage, Constant Current Battery Charger Using LinkSwitch-HF.


Similar Part No. - LNK353P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353P POWERINT-LNK353P Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353P POWERINT-LNK353P Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
More results

Similar Description - LNK353P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
LNK354PN POWERINT-LNK354PN Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com