Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8XC52 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. 8XC52
Description  8-bit CMOS (low voltage, low power and high speed) microcontroller families
Download  55 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

8XC52 Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Philips Semiconductors
Product specification
8XC52/54/58/80C32
8XC51FA/FB/FC/80C51FA
8XC51RA+/RB+/RC+/RD+/80C51RA+
80C51 8-bit microcontroller family
8K–64K/256–1K OTP/ROM/ROMless, low voltage (2.7V–5.5V),
low power, high speed (33 MHz)
1999 Apr 01
3
BLOCK DIAGRAM
PSEN
EAVPP
ALE/PROG
RST
XTAL1
XTAL2
VCC
VSS
PORT 0
DRIVERS
PORT 2
DRIVERS
RAM ADDR
REGISTER
RAM
PORT 0
LATCH
PORT 2
LATCH
ROM/EPROM
REGISTER
B
ACC
STACK
POINTER
TMP2
TMP1
ALU
TIMING
AND
CONTROL
PD
OSCILLATOR
PSW
PORT 1
LATCH
PORT 3
LATCH
PORT 1
DRIVERS
PORT 3
DRIVERS
PROGRAM
ADDRESS
REGISTER
BUFFER
PC
INCRE-
MENTER
PROGRAM
COUNTER
DPTR’S
MULTIPLE
P1.0–P1.7
P3.0–P3.7
P0.0–P0.7
P2.0–P2.7
SFRs
TIMERS
P.C.A. (FA & RA+ only)
SU00831B
8
8
16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
8XC5480C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless low voltage 2.7V-5.5V low power high speed 33 MHz 1 2 3 4 5 MoreNXP Semiconductors
80C31X280C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz 1 2 3 4 5 MoreNXP Semiconductors
80C5180C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz 1 2 3 4 5 MoreNXP Semiconductors
P87C654X280C51 8-bit microcontroller family 16 kB OTP/ROM 256B RAM low voltage 2.7 to 5.5 V low power high speed 30/33 MHz 1 2 3 4 5 MoreNXP Semiconductors
P87C55280C51 8-bit microcontroller 8K/256 OTP 8 channel 10 bit A/D I2C PWM capture/compare high I/O low voltage 2.7V.5.5V low power 1 2 3 4 5 MoreNXP Semiconductors
HY62UF08401CHigh Speed Super Low Power and 4Mbit Full CMOS SRAM 1 2 3 4 5 MoreHynix Semiconductor
MDT10P73This EPROM-Based 8-bit micro-controller uses a fully static CMOS technology process to achieve higher speed and smaller size with the low power consum 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MP87L76CMOS 10MSPS 8-BIT HIGH SPEED LOW POWER ANALOG-TO-DIGITAL CONVERTER WITH POWER DOWN 1 2 3 4 5 MoreExar Corporation
COP8ACC78-Bit CMOS OTP Microcontroller with 16k Memory and High Resolution A/D 1 2 3 4 5 MoreNational Semiconductor (TI)
87LPC767Low power low price low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn