Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

LNK353 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part No. LNK353
Description  Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POWERINT [Power Integrations, Inc.]
Homepage  http://www.powerint.com
Logo 

LNK353 Datasheet(HTML) 2 Page - Power Integrations, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LNK353/354
F
2/05
2
PI-2367-021105
CLOCK
JITTER
OSCILLATOR
5.8 V
4.85 V
SOURCE
(S)
S
R
Q
DCMAX
BYPASS
(BP)
FAULT
PRESENT
+
-
VI
LIMIT
LEADING
EDGE
BLANKING
THERMAL
SHUTDOWN
+
-
DRAIN
(D)
REGULATOR
5.8 V
BYPASS PIN
UNDER-VOLTAGE
CURRENT LIMIT
COMPARATOR
FEEDBACK
(FB)
Q
6.3 V
RESET
AUTO-
RESTART
COUNTER
1.65 V -VT
CLOCK
Figure 3. Pin Configuration.
Pin Functional Description
DRAIN (D) Pin:
Power MOSFET drain connection. Provides internal operating
current for both start-up and steady-state operation.
BYPASS (BP) Pin:
Connection point for a 0.1 µF external bypass capacitor for the
internally generated 5.8 V supply.
FEEDBACK (FB) Pin:
During normal operation, switching of the power MOSFET is
controlled by this pin. MOSFET switching is terminated when
a current greater than 49 µA is delivered into this pin.
SOURCE (S) Pin:
This pin is the power MOSFET source connection. It is also the
ground reference for the BYPASS and FEEDBACK pins.
PI-3491-111903
FB
D
S
BP
S
S
S
P Package (DIP-8B)
G Package (SMD-8B)
8
5
7
1
4
2
3
Figure 2. Functional Block Diagram.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn