Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK353 Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LNK353
Description  Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK353 Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LNK353 Datasheet HTML 2Page - Power Integrations, Inc. LNK353 Datasheet HTML 3Page - Power Integrations, Inc. LNK353 Datasheet HTML 4Page - Power Integrations, Inc. LNK353 Datasheet HTML 5Page - Power Integrations, Inc. LNK353 Datasheet HTML 6Page - Power Integrations, Inc. LNK353 Datasheet HTML 7Page - Power Integrations, Inc. LNK353 Datasheet HTML 8Page - Power Integrations, Inc. LNK353 Datasheet HTML 9Page - Power Integrations, Inc. LNK353 Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LNK353/354
F
2/05
6
of the diode for heatsinking. A larger area is preferred at the
quiet cathode terminal. A large anode area can increase high
frequency radiated EMI.
Quick Design Checklist
As with any power supply design, all LinkSwitch-HF designs
should be verified on the bench to make sure that component
specificationsarenotexceededunderworst-caseconditions.The
following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that V
DS does not exceed
675Vatthehighestinputvoltageandpeak(overload)output
power.
2. Maximumdraincurrent–Atmaximumambienttemperature,
maximum input voltage and peak output (overload) power,
verify drain current waveforms for any signs of transformer
saturation and excessive leading edge current spikes at
startup. Repeat under steady state conditions and verify that
Figure 6. Recommended Printed Circuit Layout for LinkSwitch-HF in a Flyback Converter Configuration.
the leading edge current spike event is below I
LIMIT(MIN)at the
end of the t
LEB(MIN). Under all conditions, the maximum drain
current should be below the specified absolute maximum
ratings.
3. Thermal Check – At specified maximum output power,
minimuminputvoltageandmaximumambienttemperature,
verify that the temperature specifications are not exceeded
for LinkSwitch-HF, transformer, output diode, and output
capacitors. Enough thermal margin should be allowed for
part-to-part variation of the R
DS(ON) of LinkSwitch-HF as
specifiedinthedatasheet.Underlowline,maximumpower,
a maximum LinkSwitch-HF SOURCE pin temperature of
100 °C is recommended to allow for these variations.
Design Tools
Up-to-date information on design tools can be found at the
Power Integrations website: www.powerint.com.
+
HV DC
Input
PI-3890-102704
Input Filter
Capacitor
CBP
-
DC
Out
Output Filter
Capacitor
Y1-
Capacitor
Maximize hatched copper
areas (
) for optimum
heatsinking
TOP VIEW
D
S
S
BP
FB
S
S
LinkSwitch-HF
+
-
Opto-
coupler
PRI
SEC
T
r
a
n
s
f
o
r
m
e
r


Similar Part No. - LNK353

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353 POWERINT-LNK353 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
LNK353G POWERINT-LNK353G Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353G POWERINT-LNK353G Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
LNK353P POWERINT-LNK353P Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353P POWERINT-LNK353P Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
More results

Similar Description - LNK353

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
LNK362-364 POWERINT-LNK362-364 Datasheet
913Kb / 16P
   Energy Efficient, Low Power Off-Line Switcher IC
SC1117DG POWERINT-SC1117DG Datasheet
478Kb / 8P
   Energy-Efficient, Low Power Off-Line Switcher IC
LNK362 POWERINT-LNK362_V01 Datasheet
1Mb / 18P
   Energy Efficient, Low Power Off-Line Switcher IC
December 2021
LNK354PN POWERINT-LNK354PN Datasheet
868Kb / 16P
   lLinkSwitch-HF Family Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com