Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNJ951C4BRA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ951C4BRA
Description  Ultra Hight Bright Surface Mounting Chip
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ951C4BRA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ951C4BRA Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
94
Unit: mm
1: Anode
2: Cathode
Ultra Hight Bright Surface Mounting Chip
LED
Blue J Type
s Absolute Maximum Ratings (T
a = 25°C)
Blue
PD(mW)
40
IF(mA)
10
IFP(mA)
50
VR(V)
5
Topr(°C)
−25 ∼ +80
Tstg(°C)
−30 ∼ +85
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
LNJ951C4BRA
Unit
Blue
Clear
9.0
3.0
5
3.2
3.7
470
30
5
10
5
mcd
mcd
mA
V
V
nm
nm
mA
µAV
Lighting Color
Conventional Part No.
Global Prat No.
Lighting Color
LNJ951C4BRA ········· LNJ951C4BRA ········ Blue
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
1
2
2
1
0.5
± 0.2
1.6
± 0.2
1.0
± 0.2
C0.5
2.0
± 0.2
1.1
± 0.2
1.4Max
IO Ta
500
300
30
50
100
10
0
−20
80
100
60
40
20
2.0
3.0
4.0
6.0
5.0
100
50
30
5
3
10
1
Directive Characteristics
IF VF
IO IF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
0
20
10
5
15
20
25
40
60
80
100
100
300
400
500
600
0
20
40
60
80
100
20
40
60
80
100
80
60
40
20
0
IF Ta
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
Relative Luminous Intensity
Forward Current
Forward Voltage
Ambient Temperature
3
1
5
10
50 100
300
30
30
10
5
3
0.5
0.3
1
0.1


Similar Part No. - LNJ951C4BRA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ951C4BRA PANASONIC-LNJ951C4BRA Datasheet
109Kb / 3P
   Surface Mount LEDs
More results

Similar Description - LNJ951C4BRA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN1251CAL PANASONIC-LN1251CAL Datasheet
28Kb / 1P
   Ultra Hight Bright Surface Mounting Chip
LN1261CAL PANASONIC-LN1261CAL Datasheet
29Kb / 1P
   Ultra Hight Bright Surface Mounting Chip
LNJ218C8TRU PANASONIC-LNJ218C8TRU Datasheet
30Kb / 1P
   Ultra Hight Bright Surface Mounting Chip LED
LNJ047X8ARA PANASONIC-LNJ047X8ARA Datasheet
316Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ252W82RA PANASONIC-LNJ252W82RA Datasheet
316Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ847W86RA PANASONIC-LNJ847W86RA Datasheet
325Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ024X4ARA PANASONIC-LNJ024X4ARA Datasheet
378Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ347W83RA PANASONIC-LNJ347W83RA Datasheet
324Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ947W8CRA PANASONIC-LNJ947W8CRA Datasheet
326Kb / 3P
   Hight Bright Surface Mounting Chip LED
LNJ824C43RA PANASONIC-LNJ824C43RA Datasheet
398Kb / 3P
   Hight Bright Surface Mounting Chip LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com