Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C1M16E5-60TC Datasheet(PDF) 3 Page - Alliance Semiconductor Corporation

Part # AS4C1M16E5-60TC
Description  5V 1M횞16 CMOS DRAM (EDO)
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C1M16E5-60TC Datasheet(HTML) 3 Page - Alliance Semiconductor Corporation

  AS4C1M16E5-60TC Datasheet HTML 1Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C1M16E5-60TC Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
®
AS4C1M16E5
4/11/01; v.1.0
Alliance Semiconductor
P. 3 of 22
Absolute maximum ratings
Truth table
Parameter
Symbol
Min
Max
Unit
Input voltage
Vin
-1.0
+7.0
V
Input voltage (DQs)
VDQ
-1.0
VCC + 0.5
V
Power supply voltage
VCC
-1.0
+7.0
V
Storage temperature (plastic)
TSTG
-65
+150
°C
Soldering temperature × time
TSOLDER
260 × 10
oC × sec
Power dissipation
PD
–1
W
Short circuit output current
Iout
–50
mA
Operation
RAS
LCAS
UCAS
WE
OE
Addresses
DQ0 to DQ15
Notes
tR
tC
Standby
H
H to X
H to X
X
X
X
X
High-Z
Word read
LL
L
H
L
ROW
COL
Data out
Lower byte
read
LL
H
H
L
ROW
COL
Lower byte,
Upper byte, Data out
Upper byte
read
LH
L
H
L
ROW
COL
Lower byte,
Data out, Upper byte
Word
(early) write
LL
L
L
X
ROW
COL
Data in
Lower byte
(early) write
LL
H
L
X
ROW
COL
Lower byte, Data in,
Upper byte, High-Z
Upper byte
(early) write
LH
L
L
X
ROW
COL
Lower byte, High-Z,
Upper byte, Data in
Read write
L
L
L
H to L
L to H
ROW
COL
Data out, Data in
1,2
EDO read
1st cycle
L
H to L
H to L
H
L
ROW
COL
Data out
2
2nd cycle
L
H to L
H to L
H
L
n/a
COL
Data out
2
Any cycle
L
L to H
L to H
H
L
n/a
n/a
Data out
2
EDO write
1st cycle
L
H to L
H to L
L
X
ROW
COL
Data in
1
2nd cycle
L
H to L
H to L
L
X
n/a
COL
Data in
1
EDO
read write
1st cycle
L
H to L
H to L
H to L
L to H
ROW
COL
Data out, Data in
1,2
2nd cycle
L
H to L
H to L
H to L
L to H
n/a
COL
Data out, Data in
1,2
RAS only
refresh
L
H
H
X
X
ROW
n/a
High Z
CBR refresh
H to L
L
L
H
X
X
X
High Z
3


Similar Part No. - AS4C1M16E5-60TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JC ETC1-AS4C1M16F5-50JC Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50JI ETC1-AS4C1M16F5-50JI Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TC ETC1-AS4C1M16F5-50TC Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
AS4C1M16F5-50TI ETC1-AS4C1M16F5-50TI Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
More results

Similar Description - AS4C1M16E5-60TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
MT4C1M16E5 MICRON-MT4C1M16E5 Datasheet
385Kb / 24P
   EDO DRAM
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4LC256K16EO ALSC-AS4LC256K16EO Datasheet
530Kb / 25P
   3.3V 256K X 16 CMOS DRAM (EDO)
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
logo
Alliance Semiconductor ...
AS4CM4EOQ ALSC-AS4CM4EOQ Datasheet
353Kb / 16P
   4M X 4 CMOS Quad CAS DRAM (EDO) family
AS4C4M4F0 ALSC-AS4C4M4F0 Datasheet
274Kb / 18P
   5V 4M횞4 CMOS DRAM (Fast Page mode)
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com