Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU7262V50 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJU7262V50
Description  C-MOS STEP-UP SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7262V50 Datasheet(HTML) 2 Page - New Japan Radio

  NJU7262V50 Datasheet HTML 1Page - New Japan Radio NJU7262V50 Datasheet HTML 2Page - New Japan Radio NJU7262V50 Datasheet HTML 3Page - New Japan Radio NJU7262V50 Datasheet HTML 4Page - New Japan Radio NJU7262V50 Datasheet HTML 5Page - New Japan Radio NJU7262V50 Datasheet HTML 6Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NJU7262 Series
- 2 -
Ver.2003-07-18
■ ABSOLUTE MAXIMUM RATINGS
(Ta = 25ºC)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
10
V
CONT Input Voltage
VCONT
GND-0.3 ≤ VCONT ≤ 10
V
STB, SW, CLK Input Voltage
VI
GND-0.3 ≤ VI ≤ VIN
V
Output Voltage
VOUT
GND-0.3 ≤ VOUT≤ 10
V
Power Dissipation
PD
(DMP-8)
300
(SSOP-8) 250
(VSP-8)
320
mW
Operating Temperature Range
Topr
-25 to + 75
ºC
Storage Temperature Range
Tstg
-40 to +125
ºC
Note) Decoupling capacitor should be connected between VDD and VSS due to the stabilized operation for the voltage
converter.
■ ELECTRICAL CHARACTERISTICS
+3V Version
(Ta = 25°C)
NORM
PARAMETER
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
MEASUREMENT
CIRCUIT
Input Voltage
VIN
-
-
5.0
V
1
Start Voltage
VSTART
NO LOAD
-
-
1.0
V
1
Oscillator Freq.
fOSC
VIN = 1.5V
20
30
50
kHz
2
Output Voltage
VOUT
VIN = 1.5V, IOUT = 20mA
2.91
3.0
3.09
V
1
Input Stability
∆VOUT1
VIN = 1.5V to 2.0V
IOUT = 20mA
-
30
100
mV
1
Load Stability
∆VOUT2
VIN = 1.5V
IOUT = 10µA to 25mA
-
30
100
mV
1
Operating Current
ISS
VIN = VSTB = 1.5V, NO LOAD
-
5.0
10
µA
3
Stand-by Current
IQ
VIN = Vsw = 1.5V
VSTB = VCLK = 0V, NO LOAD
-
-
0.2
µA
4
Switching Current
ISI
VDS = 0.2V
-
250
-
mA
-
H level
VSTBH
VIN = 1.5V
1.0
-
-
V
5
STB Terminal
Input Voltage
L level
VSTBL
VIN = 1.5V
-
-
0.4
V
5
H level
VSWH
VIN = 1.5V
1.0
-
-
V
6
SW Terminal
Input Voltage
L level
VSWL
VIN = 1.5V
-
-
0.4
V
6
H level
VCLKH
VIN = 1.5V
1.0
-
-
V
7
CLK Terminal
Input Voltage
L level
VCLKL
VIN = 1.5V
-
-
0.4
V
7
ISTBH1
VIN = 1.5V, VSTB = 1.0V
-
15
30
µA
8
H level
ISTBH2
VIN = 1.5V, VSTB = 1.5V
-
0.1
-
µA
8
ISTBL1
VIN = 1.5V, VSTB = 0.4V
-
15
30
µA
8
STB Terminal
Input Current
L level
ISTBL2
VIN = 1.5V, VSTB = 0V
-
0.1
-
µA
8
H level
ISWH
VIN = 1.5V, VSW = VIN
-
0.1
-
µA
8
SW Terminal
Input Current
L level
ISWL
VIN = 1.5V, VSW = 0V
-
10
30
µA
8
H level
ICLKH
VIN = 1.5V, VCLK = VIN
-
10
30
µA
8
CLK Terminal
Input Current
L level
ICLKL
VIN = 1.5V, VCLK = 0V
-
0.1
-
µA
8


Similar Part No. - NJU7262V50

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7261 NJRC-NJU7261 Datasheet
130Kb / 8P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7261U30 NJRC-NJU7261U30 Datasheet
130Kb / 8P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7261U33 NJRC-NJU7261U33 Datasheet
130Kb / 8P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7261U45 NJRC-NJU7261U45 Datasheet
130Kb / 8P
   C-MOS STEP-UP SWITCHING REGULATOR
NJU7261U50 NJRC-NJU7261U50 Datasheet
130Kb / 8P
   C-MOS STEP-UP SWITCHING REGULATOR
More results

Similar Description - NJU7262V50

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7261 NJRC-NJU7261 Datasheet
130Kb / 8P
   C-MOS STEP-UP SWITCHING REGULATOR
logo
Seiko Instruments Inc
S-8435 SII-S-8435 Datasheet
2Mb / 42P
   STEP-UP SWITCHING REGULATOR
logo
Maxim Integrated Produc...
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Rohm
BD81870EFV-M ROHM-BD81870EFV-M Datasheet
2Mb / 36P
   Step-up / Inverted 2ch Switching Regulator
logo
Linear Technology
LT3436 LINER-LT3436 Datasheet
180Kb / 16P
   3A, 800kHz Step-Up Switching Regulator
LT1961 LINER-LT1961 Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Maxim Integrated Produc...
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
Linear Technology
LT3436 LINER-LT3436_15 Datasheet
186Kb / 16P
   3A, 800kHz Step-Up Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com