Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74AC534 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN74AC534
Description  Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC534 Datasheet(HTML) 4 Page - Integral Corp.

  IN74AC534 Datasheet HTML 1Page - Integral Corp. IN74AC534 Datasheet HTML 2Page - Integral Corp. IN74AC534 Datasheet HTML 3Page - Integral Corp. IN74AC534 Datasheet HTML 4Page - Integral Corp. IN74AC534 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC534
449
AC ELECTRICAL CHARACTERISTICS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
fmax
Maximum Clock Frequency (Figure 1)
3.3
5.0
70
150
70
140
MHz
tPLH
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
3.0
2.5
14.0
10.5
2.5
2.0
16.0
12.0
ns
tPHL
Propagation Delay, Clock to Q (Figure 1)
3.3
5.0
3.0
2.5
13.0
9.5
2.5
2.0
15.0
11.0
ns
tPZH
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
3.0
2.5
12.5
10.0
2.5
2.0
14.0
11.5
ns
tPZL
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
3.0
2.5
12.5
10.0
2.5
2.0
14.0
11.5
ns
tPHZ
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
2.0
1.5
13.5
11.5
1.5
1.0
15.0
12,5
ns
tPLZ
Propagation Delay, Output Enable to Q
(Figure 2)
3.3
5.0
2.0
1.5
12.0
10.0
1.5
1.0
13.5
11.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
40
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
tsu
Minimum Setup Time, Data to Clock
(Figure 3)
3.3
5.0
5.0
3.5
6.5
4.0
ns
th
Minimum Hold Time, Clock to Data
(Figure 3)
3.3
5.0
1.0
1.0
1.5
1.5
ns
tw
Minimum Pulse Width, Clock (Figure 1)
3.3
5.0
5.0
3.5
6.5
4.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Similar Part No. - IN74AC534

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74AC534 IKSEMICON-IN74AC534 Datasheet
238Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC534DW IKSEMICON-IN74AC534DW Datasheet
238Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74AC534N IKSEMICON-IN74AC534N Datasheet
238Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results

Similar Description - IN74AC534

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK74ACT534 KODENSHI-KK74ACT534 Datasheet
301Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC534 IKSEMICON-IN74AC534 Datasheet
238Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC534 KODENSHI-KK74AC534 Datasheet
325Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74ACT534 IKSEMICON-IN74ACT534 Datasheet
288Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Speed Silicon-Gate CMOS
IN74HC534A IKSEMICON-IN74HC534A Datasheet
172Kb / 6P
   Octal 3-State Inverting D Flip-Flop High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC534 SLS-SL74HC534 Datasheet
53Kb / 5P
   Octal 3-State Inverting D Flip-Flop(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74ACT374 INTEGRAL-IN74ACT374 Datasheet
226Kb / 5P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT374 KODENSHI-KK74ACT374 Datasheet
344Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74AC374 IKSEMICON-IN74AC374 Datasheet
252Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC374 KODENSHI-KK74AC374 Datasheet
348Kb / 6P
   Octal 3-State Noninverting D Flip-Flop High-Speed Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com