Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS465A1 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS465A1
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS465A1 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS465A1 Datasheet HTML 1Page - Vectron International, Inc TFS465A1 Datasheet HTML 2Page - Vectron International, Inc TFS465A1 Datasheet HTML 3Page - Vectron International, Inc TFS465A1 Datasheet HTML 4Page - Vectron International, Inc TFS465A1 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 465a1.doc
Version 1.2
11.08.2004
VI TELEFILTER
Filter specification
TFS 465A1
1/5
Tele Filter GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
Remark:
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 465,0 MHz without any tolerance or
limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
Variation/ Limitation
Insertion loss
ae = amax
3,8
dB
max.
4,8
dB
Nominal frequency
fN
-
465,0
MHz
Passband
PB
-
fN ±
2,5
MHz
Absolute attenuation in OTR
fN - 464,7 MHz ....... fN -
12,5 MHz
52
dB
min.
48
dB
fN -
12,5 MHz ....... fN -
7,5 MHz
45
dB
min.
37
dB
Absolute attenuation (within temperature range:+15°C ...+ 40°C)
fN -
12,5 MHz ....... fN -
7,5 MHz
52
dB
min.
40
dB
fN +
20,0 MHz ....... fN + 735,0 MHz
50
dB
min.
40
dB
fN + 735,0 MHz ....... fN + 1235,0 MHz
40
dB
min.
30
dB
fN + 1235,0 MHz ....... fN + 1535,0 MHz
35
dB
min.
15
dB
VSWR
within PB (at 23 °C)
1,95
max.
2,1
Temperature coefficient of frequency
TCf*
- 32
ppm/K
-
Operating temperature range
OTR
-
-10 °C ... + 85 °C
Storage temperature range
-
-30 °C ... + 85 °C
*)
∆fc(Hz) = Tcf(ppm/K) x (T - TA) x fC (MHz)
Generated:
Checked / Approved:


Similar Part No. - TFS465A1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS465A VECTRON-TFS465A Datasheet
73Kb / 5P
   Filter specification
More results

Similar Description - TFS465A1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com