Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC533 Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74AC533
Description  Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74AC533 Datasheet(HTML) 1 Page - Integral Corp.

  IN74AC533 Datasheet HTML 1Page - Integral Corp. IN74AC533 Datasheet HTML 2Page - Integral Corp. IN74AC533 Datasheet HTML 3Page - Integral Corp. IN74AC533 Datasheet HTML 4Page - Integral Corp. IN74AC533 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
436
Octal 3-State Inverting
Transparent Latch
High-Speed Silicon-Gate CMOS
The IN74AC533 is identical in pinout to the LS/ALS533,
HC/HCT533. The device inputs are compatible with standard CMOS
outputs; with pullup resistors, they are compatible with LS/ALS
outputs.
These latches appear transparent to data (i.e., the outputs change
asynchronously) when Latch Enable is high. The data appears as the
outputs in inverted form. When Latch Enable goes low, data meeting
the setup and hold time becomes latched.
The Output Enable input does not affect the state of the latches, but
when Output Enable is high, all device outputs are forced to the high-
impedance state. Thus, data may be latched even when the outputs are
not enabled.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA
• 3-State Outputs for Bus Interfacing
IN74AC533
ORDERING INFORMATION
IN74AC533N Plastic
IN74AC533DW SOIC
TA = -40° to 85° C for all
packages
PIN ASSIGNMENT
LOGIC DIAGRAM
PIN 20=VCC
PIN 10 = GND
FUNCTION TABLE
Inputs
Output
Output
Enable
Latch
Enable
DQ
LH
H
L
LH
L
H
LL
X
no
change
HX
X
Z
X = don’t care
Z = high impedance


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn