Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74AC533 Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74AC533
Description  Octal 3-State Inverting Transparent Latch High-Speed Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTEGRAL [Integral Corp.]
Homepage  http://www.iksemi.com/
Logo 

IN74AC533 Datasheet(HTML) 4 Page - Integral Corp.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IN74AC533
439
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
Min
Max
Min
Max
tPLH
Propagation Delay, Input D to Q (Figure 1)
3.3
5.0
2.0
2.0
14.0
10.0
1.5
1.5
16.0
11.0
ns
tPHL
Propagation Delay, Input D to Q (Figure 1)
3.3
5.0
2.0
2.0
13.0
9.5
1.5
1.5
14.5
10.5
ns
tPLH
Propagation Delay, Latch Enable to Q (Figure
2)
3.3
5.0
2.0
2.0
14.0
10.0
1.5
1.5
16.5
11.5
ns
tPHL
Propagation Delay, Latch Enable to Q (Figure
2)
3.3
5.0
2.0
2.0
13.0
10.0
1.5
1.5
14.5
11.0
ns
tPZH
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
2.0
2.0
12.5
9.5
1.5
1.5
14.0
10.5
ns
tPZL
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
2.0
2.0
12.5
9.5
1.5
1.5
14.0
10.5
ns
tPHZ
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
2.0
2.0
13.0
10.0
1.5
1.5
14.5
11.0
ns
tPLZ
Propagation Delay, Output Enable to Q
(Figure 3)
3.3
5.0
2.0
2.0
13.0
10.0
1.5
1.5
14.5
11.0
ns
CIN
Maximum Input Capacitance
5.0
4.5
4.5
pF
Typical @25
°C,V
CC=5.0 V
CPD
Power Dissipation Capacitance
40
pF
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V
TIMING REQUIREMENTS(C
L=50pF,Input tr=tf=3.0 ns)
VCC
*
Guaranteed Limits
Symbol
Parameter
V
25
°C-40°C to
85
°C
Unit
tsu
Minimum Setup Time, Input D to Latch
Enable (Figure 4)
3.3
5.0
5.5
4.0
6.0
4.5
ns
th
Minimum Hold Time, Latch Enable to
Input D (Figure 4)
3.3
5.0
1.5
1.5
1.0
1.0
ns
tw
Minimum Pulse Width, Latch Enable
(Figure 2)
3.3
5.0
6.0
4.5
6.5
5.0
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V
Voltage Range 5.0 V is 5.0 V
±0.5 V


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn