Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOFD-240 Datasheet(PDF) 3 Page - ETA-USA

Part # AOFD-240
Description  240W Din Rail Mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

AOFD-240 Datasheet(HTML) 3 Page - ETA-USA

  AOFD-240 Datasheet HTML 1Page - ETA-USA AOFD-240 Datasheet HTML 2Page - ETA-USA AOFD-240 Datasheet HTML 3Page - ETA-USA AOFD-240 Datasheet HTML 4Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AOFD-240
240W Din Rail Mount
AOFD240-S
* Weight : 1.2Kg
* Tolerance : ±1
* Dimensions in mm
ETA-USA
ETA-USA
The Power Professionals
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
8max
14.7
110.4
125±1.0
1
DIN Rail (width : 35mm)
7.5 7.5 7.5
7.5
7.5
12.3
LED (DC LOW)
LED (DC OK)
OUTPUT VOLTAGE
ADJUSTER
60±1.0
NAME PLATE
PRINTING
N
L
+ + - -


Similar Part No. - AOFD-240

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOFD-120 ETA-USA-AOFD-120 Datasheet
1Mb / 4P
   120W Din Rail Mount
AOFD-15 ETA-USA-AOFD-15 Datasheet
1Mb / 4P
   15W Din Rail Mount
AOFD-180 ETA-USA-AOFD-180 Datasheet
781Kb / 4P
   180W Din Rail Mount
AOFD-180-24 ETA-USA-AOFD-180-24 Datasheet
781Kb / 4P
   180W Din Rail Mount
AOFD-180-48 ETA-USA-AOFD-180-48 Datasheet
781Kb / 4P
   180W Din Rail Mount
More results

Similar Description - AOFD-240

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
DPP120-24-1 TDK-DPP120-24-1 Datasheet
579Kb / 2P
   120W 240W DIN Rail Mount Power Supplies
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
   DIN rail mountable type 30 ~ 240W
logo
Applied Motion Products...
PS240D48 AMP-PS240D48 Datasheet
891Kb / 4P
   DIN Rail Power Supply ??Industrial ??240W
logo
RSG Electronic Componen...
DPP120-12 RSG-DPP120-12 Datasheet
403Kb / 3P
   120W & 240W Single Output DIN Rail Mount Power Supplies
logo
Mean Well Enterprises C...
DDR-240 MEANWELL-DDR-240 Datasheet
4Mb / 9P
   240W DIN Rail Type DC-DC Converter
logo
Toppower Electronic Tec...
TPRSDR-240-XS TOPPOWER-TPRSDR-240-XS Datasheet
1Mb / 6P
   240W AC-DC DIN RAIL Power Supply
TPR-U240-XS TOPPOWER-TPR-U240-XS Datasheet
1Mb / 6P
   240W AC-DC DIN RAIL Power Supply
TPR-240-XS TOPPOWER-TPR-240-XS Datasheet
964Kb / 6P
   240W AC-DC DIN RAIL Power Supply
logo
MicroPower Direct, LLC
DRP-240 MPD-DRP-240 Datasheet
122Kb / 2P
   Low Cost, Industrial 240W, DIN Rail Mount AC/DC Power Supplies
logo
Astrodyne Corporation
DRT-240 ASTRODYNE-DRT-240 Datasheet
352Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com