Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS400G Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS400G
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS400G Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS400G Datasheet HTML 1Page - Vectron International, Inc TFS400G Datasheet HTML 2Page - Vectron International, Inc TFS400G Datasheet HTML 3Page - Vectron International, Inc TFS400G Datasheet HTML 4Page - Vectron International, Inc TFS400G Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs400g.doc
version 1.1
08.01.2002
VI TELEFILTER
Filter Specification
TFS 400 G
1/5
VI TELEFILTER
Vectron International Inc.
Potsdamer Stra
ße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
Measurement condition
Ambient temperature:
23
C
Input power level:
0 dBm
Terminating impedances *)
for input :
335
-0,83 pF
for output :
335
-0,83 pF
External coil
:
74 nH
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS400G is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies
at the 3 dB filter attenuation level relative to the insertion loss ae. The nominal frequency fN is fixed on 400 MHz without tolerance. The given
values for the relative attenuation arel and for the group delay ripple have to be reached at the frequencies given below also if the centre
frequency fc is shifted due to the temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance
for the centre frequency fc.
D a t a
typ. value
tolerance/limit
Insertion loss
ae = amin
3,6
dB
max.
6,5
dB
(Reference level)
Nominal frequency
fN
-
400,000 MHz
Centre frequency
fc
400,008 MHz
Guaranteed 1,5 dB signal band width
BW
260
kHz
min.
160
kHz
Relative attenuation
arel
fN
...fN ±
80 kHz
0,5
dB
max.
1,5
dB
fN ± 200 kHz...fN ± 400 kHz
6
dB
min.
2
dB
fN ± 400 kHz ... fN ± 600 kHz
30
dB
min.
25
dB
fN ± 600 kHz ... fN ±
1 MHz
56
dB
min.
40
dB
fN ±
1 MHz ... fN ±
3 MHz
56
dB
min.
45
dB
fN ±
3 MHz
61
dB
min.
55
dB
Group delay ripple
GD
fN ± 70 kHz
0,5
µs
max.
2
s
Operating temperature range
-
- 10 C ... + 55
C
Storage temperature range
-
- 35 C ... + 85
C
Temperature coefficient of frequency
TC
- 0.036
ppm/K²
Frequency inversion temperature
+ 20 C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
Generated:
Checked / approved:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS400G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS400 VECTRON-TFS400 Datasheet
53Kb / 4P
   Filter specification
TFS400A VECTRON-TFS400A Datasheet
61Kb / 4P
   Filter specification
TFS400B VECTRON-TFS400B Datasheet
50Kb / 5P
   SAW Filter Specification
TFS400C VECTRON-TFS400C Datasheet
81Kb / 5P
   SAW Filter Specification
TFS400C2 VECTRON-TFS400C2 Datasheet
80Kb / 5P
   SAW Filter Specification
More results

Similar Description - TFS400G

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com