Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT77C102B Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT77C102B Datasheet HTML 2Page - ATMEL Corporation AT77C102B Datasheet HTML 3Page - ATMEL Corporation AT77C102B Datasheet HTML 4Page - ATMEL Corporation AT77C102B Datasheet HTML 5Page - ATMEL Corporation AT77C102B Datasheet HTML 6Page - ATMEL Corporation AT77C102B Datasheet HTML 7Page - ATMEL Corporation AT77C102B Datasheet HTML 8Page - ATMEL Corporation AT77C102B Datasheet HTML 9Page - ATMEL Corporation AT77C102B Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
5364A–BIOM–09/05
AT77C102B
Table 3-3.
Resistance
Parameter
Min Value
Standard Method
ESD
On pins. HBM (Human Body Model) CMOS I/O
2 kV
MIL-STD-883 - method 3015.7
On die surface (Zapgun)
Air discharge
±16 kV
NF EN 6100-4-2
Mechanical Abrasion
Number of cycles without lubricant multiply by an estimated factor
of 20 for correlation with a real finger
200 000
MIL E 12397B
Chemical Resistance
Cleaning agent, acid, grease, alcohol, diluted acetone
4 hours
Internal method
Table 3-4.
Specifications
Explanation Of Test Levels
I
100% production tested at +25°C
II
100% production tested at +25°C, and sample tested at specified temperatures (AC testing done on sample)
III
Sample tested only
IV
Parameter is guaranteed by design and/or characterization testing
V
Parameter is a typical value only
VI
100% production tested at temperature extremes
D
100% probe tested on wafer at Tamb = +25°C
Table 3-5.
Physical Parameter
Parameter
Test Level
Min
Typ
Max
Unit
Resolution
IV
50
µm
Size
IV
8 x 280
Pixel
Yield: number of bad pixels
I
5
Bad pixels
Equivalent resistance on TPP pin
I
20
30
47


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn