Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT77C102B Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B Datasheet(HTML) 4 Page - ATMEL Corporation

  AT77C102B Datasheet HTML 1Page - ATMEL Corporation AT77C102B Datasheet HTML 2Page - ATMEL Corporation AT77C102B Datasheet HTML 3Page - ATMEL Corporation AT77C102B Datasheet HTML 4Page - ATMEL Corporation AT77C102B Datasheet HTML 5Page - ATMEL Corporation AT77C102B Datasheet HTML 6Page - ATMEL Corporation AT77C102B Datasheet HTML 7Page - ATMEL Corporation AT77C102B Datasheet HTML 8Page - ATMEL Corporation AT77C102B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
5364A–BIOM–09/05
AT77C102B
Figure 2-2.
COB with Flex
(1)
Figure 2-3.
Flex Output Side
Note:
1. Flex is not provided by Atmel.
Flex with metallizations up
Flex with metallizations down
2
3
1
Flex Output
(FingerChip Connector Side)
Metallizations Up


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn