Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT77C102B Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT77C102B Datasheet(HTML) 3 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
5364A–BIOM–09/05
AT77C102B
Note:
1. Ref. Connector: FH18-21S-0.3SHW (HIROSE).
Table 2-2.
Pin Description for COB with Connector Package: AT77C102B-CB02YV
(1)
Pin Number
Name
Type
1FPL
GND
2
Not connected
3
Not connected
4
DE3
Digital output
5
DO3
Digital output
6
DE2
Digital output
7
DO2
Digital output
8
DE1
Digital output
9
DO1
Digital output
10
DE0
Digital output
11
DO0
Digital output
12
AVE
Analog output
13
AVO
Analog output
14
TPP
Power
15
TPE
Digital input
16
VCC
Power
17
GND
GND
18
RST
Digital input
19
PCLK
Digital input
20
OE
Digital input
21
ACKN
Digital output


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn