Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT77C102B Datasheet(PDF) 17 Page - ATMEL Corporation

Part No. AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT77C102B Datasheet(HTML) 17 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
17
5364A–BIOM–09/05
AT77C102B
Figure 4-3.
Product Reference: AT77C102B-CB02YV
4.1
Package Information
4.1.1
Electrical Disturbances
When looking at the fingerchip device from the top with the glob top to the right, the right edge
must never be in contact with customer casing or any component to avoid electrical
disturbances.
Figure 4-4.
Epoxy Overflow
Maximum epoxy overflow width: 0.55 mm on the die edge.
Maximum epoxy overflow thickness: 0.33 mm.
Note:
Refer to Figure 4-1 on page 16.
FLEX OUTPUT
26.6 ±0.3
8.8 ±0.2
A
A
5.2 max
2.39 ±0.5
8.9 ±0.5
R0.75
+0.08
-0.12
1.25 ±0.5
14.32
+0.04
-0.01
0.75
+0.33
-0.25
1.64
+0.07
-0.01
5.9 max
4.1 ±0.2
2.9±0.5
0.2 min
Scale 4/1
All Dimensions in mm
FLEX OUTPUT
9.85 ±0.3
(x 3)
0.55
Fingerchip
Epoxy Glue Overflow
AA Section


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn