Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT77C102B Datasheet(PDF) 16 Page - ATMEL Corporation

Part No. AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

AT77C102B Datasheet(HTML) 16 Page - ATMEL Corporation

 
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
5364A–BIOM–09/05
AT77C102B
4.
Packaging: Mechanical Data
Figure 4-1.
Product Reference: AT77C102B-CB01YV
Figure 4-2.
Product Reference: AT77C102B-CB01YV
1
26.6 ±0.3
SIDE VIEW
SCALE 10/1
0.74 ±0.06
TOP VIEW
SCALE 10/1
0.89 ±0.3
0.32
2.33 ±0.5
1.64
+0.07
-0.01
9 ±0.3
max
0.2
5.20
0.2 max
0.82 ±0.18
max.
Dam and Fill
0.82 ±0.50
max
2.95 ±0.50
5.90
Top View (all dimensions in mm)
4
B
1.5
A
At 0.4 heigh from B ref.
min
0.2 A
Bottom View (All dimensions in mm)
1 0.08
0.5
0.1
0.08
3.5 0.08
1 0.15
2 0.08
0.08
1.5
2 0.15
0.1
23.85
RO. 75
+0.08
-0.12
(x3)
1.5 +0.15
- 0.23
(x3)
0.75+0.33
- 0.25
6.30
2.15 0.15
1.15 0.15
+_
+_
+_
+
_
+_
+_
+_
+_
+_
+_
+_


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn