Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT77C102B Datasheet(PDF) 1 Page - ATMEL Corporation

Part No. AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT77C102B Datasheet HTML 1Page - ATMEL Corporation AT77C102B Datasheet HTML 2Page - ATMEL Corporation AT77C102B Datasheet HTML 3Page - ATMEL Corporation AT77C102B Datasheet HTML 4Page - ATMEL Corporation AT77C102B Datasheet HTML 5Page - ATMEL Corporation AT77C102B Datasheet HTML 6Page - ATMEL Corporation AT77C102B Datasheet HTML 7Page - ATMEL Corporation AT77C102B Datasheet HTML 8Page - ATMEL Corporation AT77C102B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Features
Sensitive Layer Over a 0.35 µm CMOS Array
Image Zone: 0.4 x 14 mm = 0.02" x 0.55"
Image Array: 8 x 280 = 2240 pixels
Pixel Pitch: 50 µm x 50 µm = 500 dpi
Pixel Clock: up to 2 MHz Enabling up to 1780 Frames per Second
Die Size: 1.64 x 17.46 mm
Operating Voltage: 3V to 3.6V
Naturally Protected Against ESD: > 16 kV Air Discharge
Power Consumption: 16 mW at 3.3V, 1 MHz, 25°C
Operating Temperature Range: -40°C to +85°C
Chip-on-Board (COB), Chip-on-Board (COB) with Connector
Complies With the European Directive for Restriction of Hazardous Substances
(RoHS Directive)
2.
Applications
PDA (Access Control, Data Protection)
Notebook, PC-add on (Access Control, e-business)
PIN Code Replacement
Automated Teller Machines, POS
Building Access
Electronic Keys (Cars, Home)
Portable Fingerprint Imaging for Law Enforcement
TV Access
Figure 2-1.
FingerChip
® Packages
Chip-on-board Package
with Connector
Chip-on-board Package
(COB)
Actual size
Thermal
Fingerprint
Sensor with
0.4 mm x 14 mm
(0.02" x 0.55")
Sensing Area
and
Digital Output
(On-chip ADC)
AT77C102B
FingerChip®
Rev. 5364A–BIOM–09/05


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn