Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6207B50AEL Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6207B50AEL
Description  CMOS Low Power Consumption
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207B50AEL Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6207B50AEL Datasheet HTML 2Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 3Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 4Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 5Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 6Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 7Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 8Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 9Page - Torex Semiconductor XC6207B50AEL Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
XC6207 Series
Data Sheet
ud200527
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
: CE High Active, no resistor for fixing pin’s electrical potential,
no CL discharge resistor
Type of Regulator
B
: CE High Active, no resistor for fixing pin’s electrical potential,
with CL discharge resistor
Output Voltage
12 ~ 50
: ex.) VOUT(T) = 3.0V → ② = 3, ③ = 0
2
: Output voltage 100mV step setting
When 1.2V≦VOUT(T)≦1.5V, HS mode : Accuracy±30mV
PS mode : Accuracy+30mV or -45mV
When 1.5V<VOUT(T)≦5.0V, HS mode : Accuracy±2%
PS mode : Accuracy+2% or -3%
Output Accuracy
A
: Output voltage 50mV step setting
When 1.2V≦VOUT(T)≦1.5V, HS mode : Accuracy±30mV
PS mode : Accuracy+30mV or -45mV
When 1.5V<VOUT(T)≦5.0V, HS mode : Accuracy±2%
PS mode : Accuracy+2% or -3%
E
: USP-6C
M
: SOT-25
Package
P
: SOT-89-5
R
: Embossed tape, standard feed
Device
Orientation
L
: Embossed tape, reverse feed
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
-0.3 ~ 7.0
V
Output Current
IOUT
500*
mA
Output Voltage
VOUT
VSS – 0.3 ~ VIN + 0.3
V
CE Input Voltage
VCE
VSS – 0.3 ~ 7.0
V
GO Input Voltage
VGO
VSS – 0.3 ~ 7.0
V
SOT-89-5
500
SOT-25
250
Power Dissipation
USP-6C
Pd
100
mW
Operational Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ +125
BLOCK DIAGRAMS
XC6207A Series
XC6207B Series
ABSOLUTE MAXIMUM RATINGS
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.
Ta=25℃
* IOUT=Pd / (VIN-VOUT)
PRODUCT CLASSIFICATION
Ordering Information
XC6207 ①②③④⑤⑥


Similar Part No. - XC6207B50AEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207B122EL TOREX-XC6207B122EL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122ER TOREX-XC6207B122ER Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122ML TOREX-XC6207B122ML Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122MR TOREX-XC6207B122MR Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207B122PL TOREX-XC6207B122PL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6207B50AEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com