Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6207A50AEL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6207A50AEL
Description  CMOS Low Power Consumption
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A50AEL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6207A50AEL Datasheet HTML 1Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 2Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 3Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 4Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 5Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 6Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 7Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 8Page - Torex Semiconductor XC6207A50AEL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
XC6207 Series
Data Sheet
ud200527
PIN NUMBER
USP-6C
SOT-25
SOT-89-5
PIN NAME
FUNCTIONS
1
1
4
VIN
Power Input
2
-
-
NC
No Connection
3
5
5
VOUT
Output
4
4
1
GO
Green Operation Mode Switch
5
2
2
VSS
Ground
6
3
3
CE
ON/OFF Control
CE
FUNCTION
H
Operation
L
Stand by
GO
FUNCTION
H
High Speed Mode
L
Green Operation (HS/PS Mode Automatic Switching)
IGO < IOUT High Speed Mode
IGOR > IOUT Power Save Mode
PIN CONFIGURATION
PIN ASSIGNMENT
*The dissipation pad for the USP-6C package should be solder-plated
in recommended mount pattern and metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to other pins, it should be connected
to the VSS pin, No. 5.
SOT-25
(TOP VIEW)
VOUT
VIN
VSS
CE
GO
4
2
5
1
3
FUNCTIONS CHART
GO
SOT-89-5
(TOP VIEW)
CE pin
*For the XC6207B series, the output capacitor (CL) is discharged via the internal auto-discharge resistance when the CE is at low level.
CE pin
VOUT
VSS
CE
VIN
NC
GO 4
5
1
2
3
6
USP-6C
(BOTTOM VIEW)


Similar Part No. - XC6207A50AEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A122EL TOREX-XC6207A122EL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ER TOREX-XC6207A122ER Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122ML TOREX-XC6207A122ML Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122MR TOREX-XC6207A122MR Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6207A122PL TOREX-XC6207A122PL Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
More results

Similar Description - XC6207A50AEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC612 TOREX-XC612 Datasheet
214Kb / 13P
   CMOS Low Power Consumption
XC2164 TOREX-XC2164_1 Datasheet
380Kb / 11P
   CMOS Low Power Consumption
XC25BS3 TOREX-XC25BS3 Datasheet
626Kb / 10P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214 Datasheet
451Kb / 22P
   CMOS Low Power Consumption
XC651A TOREX-XC651A Datasheet
210Kb / 12P
   CMOS Low Power Consumption
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
   CMOS Low Power Consumption
XC6214 TOREX-XC6214_1 Datasheet
443Kb / 23P
   CMOS Low Power Consumption
XC641A TOREX-XC641A Datasheet
287Kb / 20P
   CMOS Low Power Consumption
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
logo
Guangdong Kexin Industr...
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
   Low Power Consumption, CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com