Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS173A Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS173A
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS173A Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS173A Datasheet HTML 1Page - Vectron International, Inc TFS173A Datasheet HTML 2Page - Vectron International, Inc TFS173A Datasheet HTML 3Page - Vectron International, Inc TFS173A Datasheet HTML 4Page - Vectron International, Inc TFS173A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs173A.doc
Version 1.5
01.08.2001
VI TELEFILTER
Filter Specification
TFS 173A
1/5
1. Measurement condition :
Ambient temperature TA:
23
°C
Input power level:
0
dBm
Terminating impedances at fc *) :
for input:
48
-21,5 pF.
( typical value )
for output:
48
-21,5 pF.
( typical value )
2. Characteristics :
Remark:
Reference level for the relative attenuation arel of the TFS173A is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper ( f3dB+ ) and lower
(
f3dB-) frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both
for the reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the
operating temperature range is not included in the production tolerance scheme.
Data
typ. value
tolerance / limit
Insertion loss (Reference level)
ae
26,5
dB
max.
28
dB
Reference frequencyfc at ambient temperature (fCTA)
174,175 MHz
174,050 ... 174, 300
MHz
Pass band ( PB )
in O.T.R. :
min. ( BW3 - 0,35 )
MHz
Amplitude ripple in PB (p-p)
1,1...1,2
dB
max.
1,5
dB
Bandwidth :
3 dB - band width ( BW3 ) in O.T.R. :
34,95
± 0,175 MHz
1,5 dB - band width
at ambient temperature TA .
34,850 MHz
3 dB - band width
at ambient temperature TA .
34,960 MHz
34,95
± 0,050 MHz
22 dB - band width
at ambient temperature TA .
35,620 MHz
24 dB - band width
at ambient temperature TA .
35,660 MHz
Relative attenuation in O.T.R. :
arel
f3dB- + 0,1
MHz ... f3dB+ - 0,1
MHz
1,2
dB
max.
1,5
dB
f3dB+ + 0,4
MHz ... f3dB+ + 0,6
MHz
25
dB
min.
22
dB
f3dB- - 0,6
MHz ... f3dB- - 0,4
MHz
25
dB
min.
22
dB
f3dB+ + 0,6
MHz ... f3dB+ + 1,0
MHz
27
dB
min.
24
dB
f3dB- - 1,0
MHz ... f3dB- - 0,6
MHz
27
dB
min.
24
dB
f3dB+ + 1,0
MHz ... f3dB+ + 1,3
MHz
33
dB
min.
30
dB
f3dB- - 1,3
MHz ... f3dB- - 1,0
MHz
33
dB
min.
30
dB
f3dB+ + 1,3
MHz ... f3dB+ + 5,0
MHz
40
dB
min.
35
dB
f3dB- - 5,0
MHz ... f3dB- - 1,3
MHz
40
dB
min.
35
dB
f3dB+ + 5,0
MHz ... f3dB+ + 100
MHz
50...55
dB
min.
45
dB
f3dB- - 100
MHz ... f3dB- - 5,0
MHz
50...60
dB
min.
45
dB
Group delay ( mean value in PB ):
2,15
µs
max.
3
µs
Group delay ripple in PB (p-p):
50
ns
max.
120
ns
Deviation from linear phase in PB :
12
° p-p...(2° r.m.s.)
Triple transit attenuation compared to main signal
60
dB
Crosstalk
60
dB
Temperature coefficient of frequency ( Tcf ) [ LiNbO3 ]
- 87
ppm/K
- 94
ppm/K
Frequency deviation of fc over temperature
fc(Hz) = Tcf(ppm/K) x (T - TA) x fCTA (MHz)
Operating temperature range ( O.T.R. )
- 10
°C ... + 70 °C
Storage temperature range
- 40
°C ... + 85 °C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
Generated:
Dunzow W.
Checked/Approved:
Dr. Bert Wall
VI TELEFILTER
Vectron International, Inc.
Potsdamer Stra
ße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as a result of
their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS173A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1732A VECTRON-TFS1732A Datasheet
83Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS173A

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com