Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFS167D Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS167D
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS167D Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS167D Datasheet HTML 1Page - Vectron International, Inc TFS167D Datasheet HTML 2Page - Vectron International, Inc TFS167D Datasheet HTML 3Page - Vectron International, Inc TFS167D Datasheet HTML 4Page - Vectron International, Inc TFS167D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TFS167D.doc
version 1.1
27.03.02
VI TELEFILTER
Filter Specification
TFS 167D
1/5
VI TELEFILTER
Vectron International, Inc.
Measurement condition
Ambient Temperature:
23
°C
Input Power Level:
0
dBm
Terminating Impedance at fc*:
input:
450 Ω // -7.5 pF
output:
470 Ω // -6.6 pF
Characteristics
Remark: Reference level for the relative attenuation arel of the TFS 167D is the minimum of the pass band attenuation amin. The minimum of
the pass band attenuation amin is defined as the insertion loss ae The centre frequency fc is the arithmetic mean value of the upper and lower
frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid for both the
reference frequency fc and the frequency response of the filter in the operating temperature range.
D a t a
typ. Value
Limit
Insertion Loss
ae = amin
4,8 dB
max.
7,0 dB
(Reference Level)
Nominal Frequency
fN
-
167,0 MHz
Pass Band
PB
-
fN
± 75
kHz
Average Group Delay within PB
2,05 µs
max.
2,3 µs
Group Delay Variation within PB
200
ns
max.
400
ns p-p
Relative Attenuation
arel
fN .....
fN ±
75
kHz
-
max.
1,5 dB
fN ±
0,2 MHz ... fN ±
0,4 MHz
-
min.
2,0 dB
fN ±
0,4 MHz ... fN ±
0,6 MHz
23
dB
min.
20
dB
fN ±
0,6 MHz ... fN ±
0,8 MHz
38
dB
min.
25
dB
fN - 137,0 MHz ... fN -
17,0 MHz
75
dB
min.
60
dB
fN -
17,0 MHz ... fN -
0,8 MHz
45
dB
min.
35
dB
fN +
0,8 MHz ... fN +
13,0 MHz
38
dB
min.
35
dB
fN +
13,0 MHz ... fN + 833,0 MHz
75
dB
min.
60
dB
Return loss in PB
12
dB
min.
10
dB
Operating Temperature Range
-5 .....
+85
° C
Storage Temperature Range
-40.... +100
° C
Temperature Coefficient of frequency TCf
- 0,036 ppm / K2
-
Out of band intermodulation
-135
dBm
min.
-120
dBm
input signals at 167,8 and 168,6 MHz at -20 dBm
input signals at 166,2 and 165,4 MHz at -20 dBm
Input power
max.
15
dBm**
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) a power of 20 dBm can be applied shortly, for 10 years life time the cycle time should be less than 1:100
generated:
checked / approved:
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS167D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS167 VECTRON-TFS167 Datasheet
44Kb / 3P
   Filter Specification
TFS167E VECTRON-TFS167E Datasheet
97Kb / 5P
   Filter Specification
TFS167F VECTRON-TFS167F Datasheet
156Kb / 5P
   Filter specification
TFS167G VECTRON-TFS167G Datasheet
126Kb / 5P
   Filter specification
TFS167H VECTRON-TFS167H Datasheet
216Kb / 5P
   Filter specification
More results

Similar Description - TFS167D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com