Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNJ210C6ARA Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LNJ210C6ARA
Description  Surface Mounting Chip LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNJ210C6ARA Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LNJ210C6ARA Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
Unit: mm
1: Anode
2: Cathode
1: Anode
2: Cathode
PD(mW) IF(mA) IFP(mA)VR(V) Topr(°C)
Tstg(°C)
Lighting Color
Red
Red
Green
Amber
Orange
60
60
60
60
60
20
20
20
20
20
60
60
60
60
60
4
3
4
4
3
−25 ∼ +80 −30 ∼ +85
Surface Mounting Chip LED
表面実装用チップ LED
Side View Type
s 絶対最大定格 Absolute Maximum Ratings (Ta = 25°C)
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
LNJ210C6RRA
LNJ210C6ARA
LNJ310M6URA
LNJ410Q6YRA
LNJ810L6DRA
Unit
Red
Red
Green
Amber
Orange
Clear
Clear
Clear
Yellow Clear
Red Clear
0.7
0.25
10
2.03
2.6
700
100
10
10
4
8.0
2.6
10
1.72
2.5
660
20
10
100
3
8.0
3.0
10
2.03
2.6
565
30
10
10
4
2.5
0.8
10
2.0
2.6
590
30
10
10
4
2.5
0.8
10
1.93
2.6
630
40
10
10
3
mcd
mcd
mA
V
V
nm
nm
mA
µAV
s 電気的光学的特性 Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
LNJ210C6ARA
0.44− 0.2
+ 0.1
2.2
0.8
2.0
1.3
2.36
0.9
0.3
1.8
C0.15
0.3
± 0.1
0.3
± 0.1
1
2
1
2
1
2
LNJ210C6RRA
LNJ310M6URA
LNJ810L6DRA
LNJ410Q6YRA
IO Ta
500
300
30
50
100
10
周囲温度 T
a (˚C )
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
順方向電流 I
F
(mA)
指向特性
Directive Characteristics
周囲温度 T
a (°C )
相対発光強度
波長特性
波 長
λ
P (nm)
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
0
20
10
5
15
20
25
40
60
80
100
100
500
600
700
800
0
20
40
60
80
100
20
40
60
80
100
80
60
40
20
0
IF Ta
順方向電圧 V
F (V)
Relative Luminous Intensity
Wavelength Characteristics
Wavelength
Ambient Temperature
相対発光強度 (%)
Relative Luminous Intensity
Forward Current
Forward Voltage
Ambient Temperature
3
1
5
10
50 100
300
30
30
10
5
3
0.5
0.3
1
0.1
IO IF
LNJ210C6ARA
LNJ210C6ARA
LNJ210C6RRA
LNJ210C6RRA
LNJ810L6DRA
LNJ810L6DRA
LNJ810L6DRA
LNJ210C6RRA
LNJ310CMURA
LNJ210C6RRA
LNJ310CMURA
LNJ410Q6YRA
LNJ410Q6YRA
LNJ210C6RRA
LNJ210C6RRA
LNJ210C6ARA
LNJ210C6ARA
LNJ410Q6YRA
LNJ410Q6YRA
LNJ310M6URA
LNJ810L6DRA
LNJ310M6URA
LNJ810L6DRA
LNJ210C6ARA
LNJ210C6ARA
LNJ410M6URA
LNJ410M6URA
LNJ310M6URA
LNJ810L6DRA
LNJ310M6URA
LNJ810L6DRA
LNJ210C6RRA
LNJ210C6RRA
LNJ310M6URA
LNJ310M6URA
LNJ210C6ARA
LNJ210C6ARA
LNJ810L6DRA
LNJ810L6DRA
LNJ410Q6YRA
LNJ410Q6YRA
LNJ210C6RRA
LNJ210C6RRA
−25 ∼ +80 −30 ∼ +85
−25 ∼ +80 −30 ∼ +85
−25 ∼ +80 −30 ∼ +85
−25 ∼ +80 −30 ∼ +85
Conventional Part No.
Global Prat No.
Lighting Color
LNJ210C6RRA ········· LNJ210C6RRA ········ Red
LNJ210C6ARA ········· LNJ210C6ARA ········ Red
LNJ310M6URA ········ LNJ310M6URA ······· Green
LNJ410Q6YRA ········· LNJ410Q6YRA ········ Amber
LNJ810L6DRA ········· LNJ810L6DRA ········ Orange


Similar Part No. - LNJ210C6ARA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNJ210C6ARA PANASONIC-LNJ210C6ARA Datasheet
109Kb / 3P
   Surface Mount LEDs
More results

Similar Description - LNJ210C6ARA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN1251C PANASONIC-LN1251C Datasheet
31Kb / 1P
   LED Surface Mounting Chip Led
LNJ010C6BRAV PANASONIC-LNJ010C6BRAV Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ115W89RA PANASONIC-LNJ115W89RA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ115W8ARA PANASONIC-LNJ115W8ARA Datasheet
29Kb / 1P
   Surface Mounting Chip LED
LNJ208R8ARA PANASONIC-LNJ208R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ211R8ARA PANASONIC-LNJ211R8ARA Datasheet
30Kb / 1P
   Surface Mounting Chip LED
LNJ8L4C18RAA PANASONIC-LNJ8L4C18RAA Datasheet
393Kb / 3P
   Surface Mounting Chip LED
LNJ826W86RA PANASONIC-LNJ826W86RA Datasheet
353Kb / 3P
   Surface Mounting Chip LED
LNJ03004BDD3 PANASONIC-LNJ03004BDD3 Datasheet
653Kb / 3P
   Surface Mounting Chip LED
LNJ03004BND1 PANASONIC-LNJ03004BND1 Datasheet
649Kb / 3P
   Surface Mounting Chip LED
LNJ308G8TRA PANASONIC-LNJ308G8TRA_08 Datasheet
336Kb / 3P
   Surface Mounting Chip LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com