Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAQV213H Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KAQV213H
Description  SOLID STATE RELAY - MOSFET OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV213H Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KAQV213H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV213H Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV213H
SHEET 4 OF 7
REV.
0
LED operate current vs.
ambient temperature
Load Voltage:250V(DC)
Continuous load current:200mA(DC)
LED Turn Off current vs.
ambient temperature
Load Voltage:250V(DC)
Continuous load current:200mA(DC)
-40
0
1
3
2
4
-20
0
20 40
5
60 80
0
1
-20
-40
3
2
4
5
80
40
020
60
Ambient temperature Ta(℃)
Ambient temperature Ta(℃)
LED dropout voltage vs.
ambient temperature
LED current:5 to 50mA
Voltage vs. current characteristics
of output at MOSFET portion
Measured portion:across terminals
4 and 6 pin
Ambient temperature:25℃
80
-20
-40
0
20 40 60
1.9
1.3
0
0.9
1.1
1.7
1.5
100
5mA
50mA
10mA
20mA
30mA
-2
-4
-5
-3
Voltage V
5
4
23
1
-1
50
250
300
200
150
100
-50
-100
-150
-300
-250
-200
Ambient temperature Ta(℃)
Ambient temperature:25℃


Similar Part No. - KAQV213H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV213HA COSMO-KAQV213HA Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results

Similar Description - KAQV213H

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
   MOSFET Output Solid State Relay
logo
COSMO Electronics Corp...
KAQW614H COSMO-KAQW614H Datasheet
222Kb / 10P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV212H COSMO-KAQV212H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com