Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH08T240W Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240W
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240W Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH08T240W Datasheet HTML 4Page - Texas Instruments PTH08T240W Datasheet HTML 5Page - Texas Instruments PTH08T240W Datasheet HTML 6Page - Texas Instruments PTH08T240W Datasheet HTML 7Page - Texas Instruments PTH08T240W Datasheet HTML 8Page - Texas Instruments PTH08T240W Datasheet HTML 9Page - Texas Instruments PTH08T240W Datasheet HTML 10Page - Texas Instruments PTH08T240W Datasheet HTML 11Page - Texas Instruments PTH08T240W Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
www.ti.com
APPLICATION INFORMATION
CAPACITOR RECOMMENDATIONS FOR THE PTH08T240W POWER MODULE
Input Capacitor (Required)
TurboTrans Output Capacitor
Non-TurboTrans Output Capacitor
PTH08T240W
SLTS264A–NOVEMBER 2005–REVISED MARCH 2006
The required input capacitance is 220-µF of electrolytic type. When VO >3V,the220 µF electrolytic capacitor
must be rated for 700 mArms ripple current capability. For VO ≤ 3 V, the ripple current rating must be at least 450
mArms. The size, type and value of input capacitor is determined by the converter’s transient performance
capability. This minimum value assumes that the converter is supplied with a responsive, low inductance input
source. This source should have ample capacitive decoupling, and be distributed to the converter via PCB power
and ground planes.
For high-performance applications, or wherever the input source performance is degraded, 470 µF of input
capacitance is recommended. The additional input capacitance above the minimum level insures an optimized
performance.
Ripple current (rms) rating, less than 100 mΩ of equivalent series resistance (ESR), and temperature are the
main considerations when selecting input capacitors. The ripple current reflected from the input of the
PTH08T240W module is moderate to low. Therefore any good quality, computer-grade electrolytic capacitor will
have an adequate ripple current rating.
Regular tantalum capacitors are not recommended for the input bus. These capacitors require a recommended
minimum voltage rating of 2 × (maximum dc voltage + ac ripple). This is standard practice to ensure reliability. No
tantalum capacitors were found with a sufficient voltage rating to meet this requirement. When the operating
temperature is below 0°C, the ESR of aluminum electrolytic capacitors increases. For these applications,
Os-Con, poly-aluminum, and polymer-tantalum types should be considered. Adding one or two ceramic
capacitors to the input attenuates high-frequency reflected ripple current.
The PTH08T240W requires a minimum output capacitance of 220 µF. The required capacitance above 220 µF
will be determined by actual transient deviation requirements.
TurboTrans allows the designer to optimize the capacitance load according to the system transient design
requirement. High quality, ultra-low ESR capacitors are required to maximize TurboTrans effectiveness.
Capacitors with a capacitance (µF) × ESR (mΩ) product of ≤ 10,000 mΩ×µF are required.
Working Example:
A bank of 6 identical capacitors, each with a capacitance of 330 µF and 5 mΩ ESR, has a C × ESR product of
1650 µFxmΩ (330 µF × 5 mΩ).
Using TurboTrans in conjunction with the high quality capacitors (capacitance (µF) × ESR (mΩ)) reduces the
overall capacitance requirement while meeting the minimum transient amplitude level.
Table 1 includes a preferred list of capacitors by type and vendor. See the Output Bus / TurboTrans column.
Note: See the TurboTrans Technology Application Notes within this document for selection of specific
capacitance.
The PTH08T240W requires a minimum output capacitance of 220 µF. Non-TurboTrans applications must
observe minimum output capacitance ESR limits.
A combination of 200 µF of ceramic capacitors plus low ESR (15 mΩ to 30 mΩ) Os-Con electrolytic/tantalum
type capacitors can be used. When using Polymer tantalum types, tantalum type, or Oscon types only, the
capacitor ESR bank limit is 3 mΩ to 5 mΩ. (Note: no ceramic capacitors are required). This is necessary for the
stable operation of the regulator. Additional capacitance can be added to improve the module's performance to
load transients. High quality computer-grade electrolytic capacitors are recommended. Aluminum electrolytic
capacitors provide adequate decoupling over the frequency range, 2 kHz to 150 kHz, and are suitable when
ambient temperatures are above -20°C. For operation below -20°C, tantalum, ceramic, or Os-Con type
capacitors are necessary.
8
Submit Documentation Feedback


Similar Part No. - PTH08T240W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T240W TI-PTH08T240W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAD TI-PTH08T240WAD Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAD TI-PTH08T240WAD Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAH TI-PTH08T240WAH Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240WAH TI-PTH08T240WAH Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
More results

Similar Description - PTH08T240W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08T241W TI-PTH08T241W Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_07 Datasheet
1Mb / 38P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PTH08T240W TI-PTH08T240W_15 Datasheet
1Mb / 39P
[Old version datasheet]   10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W Datasheet
1Mb / 38P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T250W TI-PTH08T250W_15 Datasheet
2Mb / 39P
[Old version datasheet]   50-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W Datasheet
56Kb / 3P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W Datasheet
1Mb / 37P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T260W TI-PTH08T260W Datasheet
1Mb / 36P
[Old version datasheet]   3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PTH08T220W TI-PTH08T220W_09 Datasheet
1Mb / 38P
[Old version datasheet]   16-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
PTH08T230W TI-PTH08T230W_07 Datasheet
1Mb / 36P
[Old version datasheet]   6-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com