Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C184-02 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6C184-02
Description  Precision 1-13 Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C184-02 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI6C184-02 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C184-02 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C184-02 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C184-02 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C184-02 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C184-02 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PS8319
05/03/00
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6C184-02
Precision 1-13 Clock Buffer
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
Ordering Information
Figure 2. Design Guidelines
SDRAM
22Ω
13
CI
21$+&"
SDRAM
DIMM
Spec.
100/66 MHz
Clock from
Chipset
N
/
Pn
o
it
p
i
r
c
s
e
D
H
2
0
-
4
8
1
C
6
I
Pe
g
a
k
c
a
P
P
O
S
S
n
i
p
-
8
2
S
2
0
-
4
8
1
C
6
I
Pe
g
a
k
c
a
P
C
I
O
S
n
i
p
-
8
2
.390
.413
.078
.002
SEATING
PLANE
.0098
Max.
.0256
BSC
.022
.037
.004
.009
.291
.322
1
28
.197
.220
0.25
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.050
7.40
8.20
0.55
0.95
0.09
0.25
5.00
5.60
2.0
9.90
10.50
0.65
Max
Min
SEATING
PLANE
.050
BSC
1
0-8˚
.2914
.2992
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
7.40
7.60
.6969
.7125
17.70
18.10
1.27
.0926
.1043
2.35
2.65
.394
.419
10.00
10.65
.0040
.0118
0.10
0.30
.013
.020
0.33
0.51
.010
.029
0.254
0.737
.0091
.0125
0.23
0.32
0.41
1.27
.016
.050
x 45˚
28
.021
.031
0.533
0.787
REF
28-pinSSOP(H)
28-pinSOIC(S)


Similar Part No. - PI6C184-02

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
PI6C184H ANALOGICTECH-PI6C184H Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
PI6C184HE ANALOGICTECH-PI6C184HE Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
More results

Similar Description - PI6C184-02

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com