Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8554IPWR Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8554IPWR
Description  16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8554IPWR Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC8554IPWR Datasheet HTML 7Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 8Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 9Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 10Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 11Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 12Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 13Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 14Page - Burr-Brown (TI) DAC8554IPWR Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
AVDD = 2.7 V,
Vref = 2.5 V,
From Code: CFFF
To Code: 4000
Zoomed Falling Edge
1 mV/div
Trigger Pulse
2.7 V/div
Falling
Edge
0.5 V/div
Time (2
µs/div)
Trigger Pulse
2.7 V/div
Zoomed Rising Edge
1 mV / div
VDD = 2.7 V
VREF = 2.5 V
From code; 4000
To code: CFFF
Rising
Edge
0.5 V/div
Time − 2 ms/div
AVDD = 5 V,
Vref = 4.096 V
From Code: 8000
To Code: 7FFF
Glitch: 0.16 nV-s
Measured Worst Case
Time 400 ns/div
AVDD = 5 V,
Vref = 4.096 V
From Code: 7FFF
To Code: 8000
Glitch: 0.08 nV-s
Time 400 ns/div
AVDD = 5 V,
Vref = 4.096 V
From Code: 8010
To Code: 8000
Glitch: 0.08 nV-s
Time 400 ns/div
AVDD = 5 V,
Vref = 4.096 V
From Code: 8000
To Code: 8010
Glitch: 0.04 nV-s
Time 400 ns/div
DAC8554
SLAS431A – JUNE 2005 – REVISED AUGUST 2005
TYPICAL CHARACTERISTICS (continued)
At T
A = 25°C, unless otherwise noted
HALF-SCALE SETTLING TIME: 2.7 V RISING EDGE
HALF-SCALE SETTLING TIME: 2.7 V FALLING EDGE
Figure 31.
Figure 32.
GLITCH ENERGY: 5 V, 1 LSB STEP, RISING EDGE
GLITCH ENERGY: 5 V, 1 LSB STEP, FALLING EDGE
Figure 33.
Figure 34.
GLITCH ENERGY: 5 V, 16 LSB STEP, RISING EDGE
GLITCH ENERGY: 5 V, 16 LSB STEP, FALLING EDGE
Figure 35.
Figure 36.
11


Similar Part No. - DAC8554IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI1-DAC8550 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550B BURR-BROWN-DAC8550B Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550IBDGKR BURR-BROWN-DAC8550IBDGKR Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550IBDGKR TI1-DAC8550IBDGKR Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results

Similar Description - DAC8554IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558 TI-DAC7558 Datasheet
1Mb / 25P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com