Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHD2805SH Datasheet(PDF) 4 Page - M.S. Kennedy Corporation

Part # DHD2805SH
Description  7.5W DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHD2805SH Datasheet(HTML) 4 Page - M.S. Kennedy Corporation

  DHD2805SH Datasheet HTML 1Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 2Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APPLICATION NOTES
POWER SUPPLIES
The output voltage of the DHD2805S may be adjusted from
90% to 110% of nominal value by the use of a 50K
Ω potenti-
ometer as shown. Adjustment beyond this range is possible
however certain characteristics of the converter such as but
not limited to input voltage range, efficiency, ripple and tem-
perature performance will change. Characterization by the user
is recommended in such applications.
Adjust/comp (pin 3) may be driven by external circuitry refer-
enced to pin 2 (-output) if desired.
Grounding pin 3 causes
voltage to increase (25% typically) while driving pin 3 above
1.3V causes output voltage to decrease. Pin 3 may be driven
through 10K
Ω or more if connection of the comp function is
also required.
The comp function of pin 3 allows capacitive loads as large
as 1000µF to be accommodated on the DHD2805S without
loss of stability. This feature may be utilized by connecting a
10nF capacitor between pins 3 and 1. This is generally recom-
mended when low ESR load capacitances of 100µF or greater
are used.
Rev. C 3/05
4
SHUTDOWN PLUS
Pin 5 is used for remote shutdown, output fault detection,
and/or setting the input voltage point at which the converter
will turn on as shown in the typical application diagram. No
connection to pin 5 is necessary for normal operation of the
converter. Pin 5 is referenced to the -input (pin 7).
Shutdown may be implemented by simply connecting pin 5
to an open collector logic output or switch rated at 2.5mA,
25Vdc or higher.
Input voltage turn on point is programmed with a single resis-
tor from pin 5 to 7. An input turn on/off hysteresis (typically
3.5% of Vin) will be observed. This should be considered when
making or verifying set point adjustment.
The value of the
setpoint resistor may be determined by the following:
R=
(±10% accuracy at 25°C)
Set point temperature coefficient is typically +400ppm/°C.
Output fault monitoring is accomplished by observing pin 5
with a high impedance monitoring circuit. Pin 5 voltage drops
from over 10V to below 1V when a load fault causes the con-
verters fault protection circuitry to activate. It will remain low
for at least 100mS and return high.
If the load fault is still
present pin 5 will return low and the cycle will repeat. A resis-
tor >400K
Ω from pin 5 to 7 provides pull down for pin 5 if
there is no input setpoint programming resistor already in place.
210·10³
ETO-9.5
LOAD FAULT RESPONSE
Load fault conditions include short-circuit and severe over-
load conditions. The DHD2805S converter responds to load
faults by turning off all power conversion circuits for 250mS
and then attempting to restart for 10mS (typical). The net "on"
duty factor during a fault is very low resulting in low converter
dissipation and immunity from overheating at 125°C. Current
beyond rated can flow into the load at startup time. This al-
lows the converter to bring up capacitive and other difficult
load types more reliably than competing converters.


Similar Part No. - DHD2805SH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DHD2805SH ANAREN-DHD2805SH Datasheet
224Kb / 7P
   7.5W DC-DC CONVERTER
More results

Similar Description - DHD2805SH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DHD2805S ANAREN-DHD2805S Datasheet
224Kb / 7P
   7.5W DC-DC CONVERTER
logo
HY-LINE Power Component...
P8Y90S05HD HY-LINE-P8Y90S05HD Datasheet
77Kb / 1P
   7.5W DC-DC Converter P8Y90S05HD
Rev: 05 / 05 f
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
   Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF700RW MPD-LF700RW Datasheet
230Kb / 2P
   Wide Input, 7.5W SMT Single & Dual Output DC/DC Converters
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com