Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX5VT58A Datasheet(PDF) 11 Page - RICOH electronics devices division

Part # RX5VT58A
Description  LOW VOLTAGE DETECTOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RX5VT58A Datasheet(HTML) 11 Page - RICOH electronics devices division

Back Button RX5VT58A Datasheet HTML 7Page - RICOH electronics devices division RX5VT58A Datasheet HTML 8Page - RICOH electronics devices division RX5VT58A Datasheet HTML 9Page - RICOH electronics devices division RX5VT58A Datasheet HTML 10Page - RICOH electronics devices division RX5VT58A Datasheet HTML 11Page - RICOH electronics devices division RX5VT58A Datasheet HTML 12Page - RICOH electronics devices division RX5VT58A Datasheet HTML 13Page - RICOH electronics devices division RX5VT58A Datasheet HTML 14Page - RICOH electronics devices division RX5VT58A Datasheet HTML 15Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
R
×5VT
7
R
×5VT18A/C
Topt=25˚C
ELECTRICAL CHARACTERISTICS
R
×5VT09A/C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDDH
Maximum Operating Voltage
VDDL
Minimum Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
Note
0.878
0.900
0.922
V
0.027
0.045
0.063
V
VDD=0.80V
0.8
2.4
VDD=2.90V
0.9
2.7
µA
10
V
Topt=25˚C
0.55
0.70
V
Note 1
–30˚C
≤Topt≤80˚C
0.65
0.80
Nch
VDS=0.05V,VDD=0.70V
0.01
0.05
mA
VDS=0.50V,VDD=0.85V
0.05
0.50
Pch VDS=–2.1V,VDD=4.5V
1.0
2.0
mA
100
µs
Note 2
–30˚C
≤Topt≤80˚C
±100
ppm/˚C
Topt=25˚C
Symbol
Item
–VDET
Detector Threshold
VHYS
Detector Threshold Hysteresis
ISS
Supply Current
VDDH
Maximum Operating Voltage
VDDL
Minimum Operating Voltage
IOUT
Output Current
tPLH
Output Delay Time
∆–VDET
Detector Threshold
∆Topt
Temperature Coefficient
Conditions
MIN.
TYP.
MAX.
Unit
Note
1.755
1.800
1.845
V
0.054
0.090
0.126
V
VDD=1.70V
0.8
2.4
VDD=3.80V
1.0
3.0
µA
10
V
Topt=25˚C
0.55
0.70
V
Note 1
–30˚C
≤Topt≤80˚C
0.65
0.80
Nch
VDS=0.05V,VDD=0.70V
0.01
0.05
mA
VDS=0.50V,VDD=1.50V
1.00
2.00
Pch VDS=–2.1V,VDD=4.5V
1.0
2.0
mA
100
µs
Note 2
–30˚C
≤Topt≤80˚C
±100
ppm/˚C


Similar Part No. - RX5VT58A

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
RX5 MAGNETROL-RX5 Datasheet
799Kb / 12P
   PULSEBURSTRADAR
logo
RUBYCON CORPORATION
RX50 RUBYCON-RX50 Datasheet
46Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
CamdenBoss Ltd.
RX500 CAMDENBOSS-RX500 Datasheet
290Kb / 1P
   500 series small flanged ABS boxes
logo
NTE Electronics
RX500-12 NTE-RX500-12 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
RX500-6 NTE-RX500-6 Datasheet
47Kb / 8P
   ECG Cleaner/Lubricant
More results

Similar Description - RX5VT58A

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RN5VS RICOH-RN5VS Datasheet
202Kb / 30P
   LOW VOLTAGE DETECTOR
R3111XXX1A RICOH-R3111XXX1A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3111X RICOH-R3111X Datasheet
1Mb / 44P
   LOW VOLTAGE DETECTOR
R3111X091A RICOH-R3111X091A Datasheet
205Kb / 20P
   LOW VOLTAGE DETECTOR
R3113D RICOH-R3113D Datasheet
314Kb / 18P
   LOW VOLTAGE DETECTOR
R5VT09A RICOH-R5VT09A Datasheet
324Kb / 31P
   LOW VOLTAGE DETECTOR?
logo
Pericom Semiconductor C...
PT7M6418 PERICOM-PT7M6418 Datasheet
393Kb / 12P
   Low Power Voltage Detector
logo
Shenzhen Huazhimei Semi...
HM70XX HMSEMI-HM70XX Datasheet
1Mb / 11P
   Low Power Voltage Detector
HM61XX HMSEMI-HM61XX Datasheet
1Mb / 12P
   Low Power Voltage Detector
logo
Pericom Semiconductor C...
PT7M6118 PERICOM-PT7M6118 Datasheet
531Kb / 11P
   Low Power Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com