Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6C184H Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # PI6C184H
Description  Precision 1-13 Clock Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

PI6C184H Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  PI6C184H Datasheet HTML 1Page - Advanced Analogic Technologies PI6C184H Datasheet HTML 2Page - Advanced Analogic Technologies PI6C184H Datasheet HTML 3Page - Advanced Analogic Technologies PI6C184H Datasheet HTML 4Page - Advanced Analogic Technologies PI6C184H Datasheet HTML 5Page - Advanced Analogic Technologies PI6C184H Datasheet HTML 6Page - Advanced Analogic Technologies PI6C184H Datasheet HTML 7Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PI6C184
Precision 1-13 Clock Buffer
4
PS8320D
10/14/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
SDRAM Clock Buffer Operating Specification
DC Operating Specifications (VDD=+3.3V±5%,TA=0°C-70°C)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
I
V H
I
e
g
a
tl
o
v
h
g
i
h
t
u
p
n
IV D
D
0
.
2V D
D
3
.
0
+
V
V L
I
e
g
a
tl
o
v
w
o
l
t
u
p
n
IV S
S
3
.
0
–8
.
0
I L
I
t
n
e
r
r
u
c
e
g
a
k
a
e
l
t
u
p
n
IV
<
0
N
I
V
<
D
D
5
–5
+A
m
V D
D
%
5
±
V
3
.
3
=
]
9
-
0
[
V H
O
e
g
a
tl
o
v
h
g
i
h
t
u
p
t
u
OI H
O
A
m
1
-
=4
.
2
V
V L
O
e
g
a
tl
o
v
w
o
l
t
u
p
t
u
OI L
O
A
m
1
=4
.
0
C
T
U
O
e
c
n
a
ti
c
a
p
a
c
n
i
p
t
u
p
t
u
O
6
F
p
C N
I
e
c
n
a
ti
c
a
p
a
c
n
i
p
t
u
p
n
I
5
L N
I
P
e
c
n
a
t
c
u
d
n
I
n
i
P
7H
n
TA
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
Aw
o
lf
ri
A
o
N0
0
7C
°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
T.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
I
N
I
M
H
O
t
n
e
r
r
u
c
p
u
-l
l
u
PV
T
U
O
V
0
.
2
=4
5
A
m
I
X
A
M
H
O
t
n
e
r
r
u
c
p
u
-l
l
u
PV
T
U
O
V
5
3
1
.
3
=6
4
I
N
I
M
L
O
t
n
e
r
r
u
c
n
w
o
d
-l
l
u
PV
T
U
O
V
0
.
1
=4
5
I
X
A
M
L
O
t
n
e
r
r
u
c
n
w
o
d
-l
l
u
PV
T
U
O
V
4
.
0
=3
5
t H
R
M
A
R
D
Sy
l
n
o
M
A
R
D
S
e
t
a
r
e
g
d
e
e
s
i
r
t
u
p
t
u
OV
4
.
2
-
V
4
0
@
%
5
±
V
3
.
35
.
14
s
n
/
V
t H
T
M
A
R
D
Sy
l
n
o
M
A
R
D
S
e
t
a
r
e
g
d
e
ll
a
f
t
u
p
t
u
OV
4
.
0
-
V
4
.
2
@
%
5
±
V
3
.
35
.
14
AC Timing
Symbol
Parameter
66 MHz
100MHz
Units
Min.
Max.
Min.
Max.
TDSKP
SDRAMCLKperiod
15.0
15.5
10.0
10.5
ns
TSDKH
SDRAM CLK high time
5.6
3.3
ns
TSDKL
SDRAMCLKlowtime
5.3
3.1
ns
TSDRISE
SDRAMCLKrisetime
1.5
4.0
1.5
4.0
V/ns
TSDFALL
SDRAMCLKfalltime
1.5
4.0
1.5
4.0
V/ns
tPLH
SDRAM Buffer LH prop delay
1.0
5.5
1.0
5.0
ns
tPHL
SDRAM Buffer HL prop delay
1.0
5.5
1.0
5.0
ns
DutyCycle Measured at 1.5V
45
55
45
55
%
tSDSKW
SDRAM Output to Output Skew
250
250
ps


Similar Part No. - PI6C184H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
More results

Similar Description - PI6C184H

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
PI6C185-02B PERICOM-PI6C185-02B Datasheet
285Kb / 6P
   Precision 1-7 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com