Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSC695F-25MB-E Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TSC695F-25MB-E
Description  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F-25MB-E Datasheet(HTML) 5 Page - ATMEL Corporation

  TSC695F-25MB-E Datasheet HTML 1Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 2Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 3Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 4Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 5Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 6Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 7Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 8Page - ATMEL Corporation TSC695F-25MB-E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5
TSC695F
4118H–AERO–06/03
P
roduct Description
Integer Unit
The Integer Unit (IU) is designed for highly dependable space and military applications,
and includes support for error detection. The RISC architecture makes the creation of a
processor that can execute instructions at a rate approaching one instruction per pro-
cessor clock possible.
To achieve that rate of execution, the IU employs a four-stage instruction pipeline that
permits parallel execution of multiple instructions.
Fetch - The processor outputs the instruction address to fetch the instruction.
Decode - The instruction is placed in the instruction register and is decoded. The
processor reads the operands from the register file and computes the next
instruction address.
Execute - The processor executes the instruction and saves the results in temporary
registers. Pending traps are prioritized and internal traps are taken during this stage.
Write - If no trap is taken, the processor writes the result to the destination register.
All four stages operate in parallel, working on up to four different instructions at a time. A
basic ‘single-cycle’ instruction enters the pipeline and completes infour cycles.
By the time it reaches the write stage, three more instructions have entered and are
moving through the pipeline behind it. So, after the first four cycles, a single-cycle
instruction exits the pipeline and a single-cycle instruction enters the pipeline on every
cycle. Of course, a ’single-cycle’ instruction actually takes four cycles to complete, but
they are called single cycle because with this type of instruction the processor can com-
plete one instruction per cycle after the initial four-cycle delay.
Floating-point Unit
The FLoating Point Unit (FPU) is designed to provide execution of single and double-
precision floating-point instructions concurrently with execution of integer instructions by
the IU. The FPU is compliant to the ANSI/IEEE-754 (1985) floating-point standard.
The FPU is designed for highly dependable space and military applications, and
includes support for concurrent error detection and testability.
The FPU uses a four stage instruction pipeline consisting of fetch, decode, execute and
write stages (F, D, E and W). The fetch unit captures instructions and their addresses
from the data and address buses. The decode unit contains logic to decode the floating-
point instruction opcodes. The execution unit handles all instruction execution. The exe-
cution unit includes a floating-point queue (FP queue), which contains stored floating-
point operate (FPop) instructions under execution and their addresses. The execution
unit controls the load unit, the store unit, and the datapath unit. The FPU depends upon
the IU to access all addresses and control signals for memory access. Floating-point
loads and stores are executed in conjunction with the IU, which provides addresses and
control signals while the FPU supplies or stores the data. Instruction fetch for integer
and floating-point instructions is provided by the IU.
The FPU provides three types of registers: f registers, FSR, and the FP queue. The FSR
is a 32-bit status and control register. It keeps track of rounding modes, floating-point
trap types, queue status, condition codes, and various IEEE exception information. The
floating-point queue contains the floating-point instruction currently under execution,
along with its corresponding address.


Similar Part No. - TSC695F-25MB-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F-25MB-E ATMEL-TSC695F-25MB-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

Similar Description - TSC695F-25MB-E

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com